Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3853BFS Datasheet(PDF) 9 Page - Rohm

Part # BA3853BFS
Description  Stereo sound controller IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3853BFS Datasheet(HTML) 9 Page - Rohm

Back Button BA3853BFS Datasheet HTML 3Page - Rohm BA3853BFS Datasheet HTML 4Page - Rohm BA3853BFS Datasheet HTML 5Page - Rohm BA3853BFS Datasheet HTML 6Page - Rohm BA3853BFS Datasheet HTML 7Page - Rohm BA3853BFS Datasheet HTML 8Page - Rohm BA3853BFS Datasheet HTML 9Page - Rohm BA3853BFS Datasheet HTML 10Page - Rohm BA3853BFS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
799
Audio ICs
BA3853BFS
FExternal components
(1)
Mute and loudness circuit components
Select the values for the mute and loudness on / off pin
components to suit the product that you are designing.
The value of the resistor should be 2.2M
Ω or less.
Set the circuit time constant as follows:
When using a switch as illustrated in the circuit diagram,
set the values for C and R in the time-constant circuit as
follows:
(1) When the switch is on (rise)
(2) When the switch is off (fall)
V: pin 3 or pin 4 voltage
(2)
External filter circuits
The filter circuits are built using passive components,
and the resistors for both the bass and treble filters are
on the chip. Construct the circuits shown below.
Filter cutoff frequencies
The circuits given above have the following frequency
characteristics.
(1) Bass filter cutoff frequency
(2) Treble filter cutoff frequency
High-pass filter side
Low-pass filter side
The tone control circuit is designed to give a change of
±15dB (Typ.) for the frequency that you wish to boost or
cut at the peak and bottom of the frequency characteris-
tic. Design the filter with due consideration to the fre-
quency characteristics. The values for the filter given in
the application circuit have been selected to give suffi-
cient boost and cut at f = 100Hz and f = 10kHz.
V = Vreg EXP (
*
t
CR12 /(R1
)R2)
)
V = Vreg (1
* EXP ( *
t
R1C2
))
fc1 =
1
2
πC1 20kΩ
1
2
πC1R1
=
fc2 =
1
2
πC2 10kΩ
1
2
πC2R2
=
fc3 =
1
2
πc3 100pF 20kΩ
1
2
πC3R3
=
= 80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com