Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6780 Datasheet(PDF) 13 Page - Rohm

Part # BA6780
Description  2-channel driver for CD changers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6780 Datasheet(HTML) 13 Page - Rohm

Back Button BA6780 Datasheet HTML 6Page - Rohm BA6780 Datasheet HTML 7Page - Rohm BA6780 Datasheet HTML 8Page - Rohm BA6780 Datasheet HTML 9Page - Rohm BA6780 Datasheet HTML 10Page - Rohm BA6780 Datasheet HTML 11Page - Rohm BA6780 Datasheet HTML 12Page - Rohm BA6780 Datasheet HTML 13Page - Rohm BA6780 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
Operation notes
(1) The BA6780 and BA6780FP-Y have built in shutdown circuit that mute the output current when the chip temperature
reaches 175
°C (Typ.). The hysteresis is set to 25°C (Typ.), so the mute will be released when the chip temperature
falls to 150
°C (Typ.).
(2) The output current is muted when the supply (VCC) falls to 3V or less. When the mute is applied, the reverse driver is
set to to the VEE level, and governor driver is set to the VEE / 2 level.
(3) The VCC voltage level is the reference for the logic input pin input voltage, so when it is converted from the VEE
potential, the high level becomes (VCC+5) V, and the low level becomes (VCC) V. The voltage potential levels for the
pins are shown in the diagram below.
(4) Connect a bypass capacitor at the base of this IC for the power supply.
VDD
GND
(VCC
)
Vref pin input
voltage range
Control signal
input voltage range
Driver input voltage
range
VEE
Electrical characteristic curves
50
125
0
0
AMBIENT TEMPERATURE : Ta (˚C)
Fig.5 Thermal dissipation curve
100
1
1.31
1.45
2
75
25
150
175
DIP18package
HSOP-25
When mounted on ROHM
standard PCBS.
DIP18 Single
unit
−21
−5
−10
INPUT VOLTAGE : VIN
(V)
Fig.6 I / O characteristics with
governor connected
0
−2
0
6
8
−1
−32
3
−44
5
−4
−6
−8
2
4
10
∞
20
Ω
12
Ω
8
Ω
RL=
16
Ω
VCC=10V
(input form filter pin)
Filter
LOGIC
Internal
V
0.6
Ω
RL
VO
Vref
VCC+5V
VIN
2.0
−6
Vref INPUT VOLTAGE : Vrefin (V)
Fig.7 Reversible driver I / O characteristics
4.0
−4
−2
0
2
4
6
8
10
−8
−10
5.0
3.0
1.0
REVmode
RL=
20
Ω
16
Ω
12
Ω
8
Ω
20
Ω
16
Ω
12
Ω
8
Ω
∞
∞
FWDmode
VCC=10V
External
V
RL
VO
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com