Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6780 Datasheet(PDF) 2 Page - Rohm

Part # BA6780
Description  2-channel driver for CD changers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6780 Datasheet(HTML) 2 Page - Rohm

  BA6780 Datasheet HTML 1Page - Rohm BA6780 Datasheet HTML 2Page - Rohm BA6780 Datasheet HTML 3Page - Rohm BA6780 Datasheet HTML 4Page - Rohm BA6780 Datasheet HTML 5Page - Rohm BA6780 Datasheet HTML 6Page - Rohm BA6780 Datasheet HTML 7Page - Rohm BA6780 Datasheet HTML 8Page - Rohm BA6780 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
Block diagram and pin descriptions
BA6780
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
VIN
REVERSIBLE DRIVER
FWD/REV CONTROLLER
IOUT
Vref
VCC
VEE
VCC
Vconst
17.1k
20k
40k
40k
DRIVE BUFFER
V / I
Vref
3.2k
10k
10k
Vref
10k
Vref
Vref
Vref
10k
10k
10k
10k
10k
10k
DETECTOR
VEE
10k
10k
DRIVE BUFFER
VIN
GOVERNOR DRIVER
FWD/REV CONTROLLER
VEE
THERMAL
SHUT DOWN
1/2
VIN2
FIN2
RIN2
C
τ2
FBIN
−
VEE
FBIN
+
OUT2
+
OUT2
−
OUT1
−
OUT1
+
VCC
Vreg
Vref
Iout
RIN1
FIN1
VIN1
VEE
Pin No.
Pin name
I/O
Function
1VIN1
I
Input pin for setting high output voltage for the reversible driver
2
FIN1
I
Input pin for forward control signal for the reversible driver
3
RIN1
Input pin for reverse control signal for the reversible driver
4
Iout
O
Governor load current detector output (open collector
)
5
Vref
O
Internal reference voltage pin
6
Vreg
O
4.6V constant voltage output
I
7VCC
I
Power supply (
+)
8
OUT1
+
Reversible driver output (
+)
9
OUT1
−
O
Reversible driver output (
−)
10
OUT2
−
O
Governor output (
−)
11
OUT2
+
O
Governor output (
+)
O
12
FBIN
+
I
Governor load current detector amplifier input (
+)
13
FBIN
−
Governor load current detector amplifier input (
−)
14
VEE
I
Power supply (
−) (connection within substrate)
15
C
τ 2
I
For connection of capacitor for the governor PWM filter
16
RIN2
I
Governor reverse control signal input
I
17
FIN2
I
Governor forward control signal input
18
VIN2
Input pin for setting high output voltage for the governor
∗1 Refer to operating notes.
I
∗1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com