Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7207AS Datasheet(PDF) 13 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 13 Page - Rohm

Back Button BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm BA7207AS Datasheet HTML 13Page - Rohm BA7207AS Datasheet HTML 14Page - Rohm BA7207AS Datasheet HTML 15Page - Rohm BA7207AS Datasheet HTML 16Page - Rohm BA7207AS Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Video ICs
BA7207AS / BA7207AK
Application examples
BA7207AS (SDIP32)
To cancel the temperature characteristic of the ID, the resistors marked with asterisks should be of the metal film, and have a
temperature coefficient
± 100ppm / °C.
∆: Test pin. Connect to VCC if unused.
The 100pF capacitor connected to pin 16 is intended to reduce temperature disper of the gate phase.It should have a static
capacitance tolerance of
± 10% or Ic and a temperature coefficient of ± 30ppm / °C ( – 55°C to + 125°C) A (CG).
Vreg
× 2
× 2
2.2MHz
BPF
PAL
SCM
R
R
P
P
P
P
P
R
R
R
R
4.3MHz
BPF - A
4.3MHz
BPF - B
PB
SYNC GATE
1.1MHz
BPF
MODE
CONTOROL
REC
SYNC GATE
SYNC GATE TIMING
GENERATOR
BELL
DET
VCO
SCM PAL
÷ 4
EQ
LIM
LIM
33k
0.01
0.01
100k
10k
0.01
0.47
7.5k
7.5k
FREQUENCY
ADJUSTER
47
0.01
0.01
0.01
0.01
0.1
0.1
0.1
0.01
47
0.1
µ
27p
100
LPF
PAL REC C.
REC C OUT
VCC
SCM / PAL
REC / PB
PBIN
B / W
SYNC IN
PALPB C
PB C OUT
RECIN
100p
VR1
VR2
VR3
2KVR
× 2
1k
12
560p
100p
Fig. 6
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
3
4
5
6
7
8
9
10
11
12
13
14
15
16
12
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com