Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7207AS Datasheet(PDF) 10 Page - Rohm

Part # BA7207AS
Description  SECAM chroma signal processor for VHS VCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7207AS Datasheet(HTML) 10 Page - Rohm

Back Button BA7207AS Datasheet HTML 6Page - Rohm BA7207AS Datasheet HTML 7Page - Rohm BA7207AS Datasheet HTML 8Page - Rohm BA7207AS Datasheet HTML 9Page - Rohm BA7207AS Datasheet HTML 10Page - Rohm BA7207AS Datasheet HTML 11Page - Rohm BA7207AS Datasheet HTML 12Page - Rohm BA7207AS Datasheet HTML 13Page - Rohm BA7207AS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Video ICs
BA7207AS / BA7207AK
Vreg
× 2
× 2
2.2MHz
BPF
PAL
SCM
R
R
P
P
P
P
P
R
R
R
R
4.3MHz
BPF - A
4.3MHz
BPF - B
PB
SYNC GATE
1.1MHz
BPF
MODE
CONTOROL
REC
SYNC GATE
SYNC GATE TIMING
GENERATOR
BELL
DET
VCO
SCM PAL
÷ 4
EQ
LIM
LIM
V
2.5V
1.5V
SGC
PBOUT
1N
2
1
1
1
2
12
12
23
2
12
Vcc
33k
3.3k
0.01
µ
2
SG16
1
SW16
SW15
SW14a
OSC14
SW14b
100k
10k
4700p
0.01
µ
0.47
µ
12
µ
560p
OSC8
AMPOUT
SW8
470
470
SW2
SW3
SW4
Vcc
7.5k
7.5k
8.5k
8.5k
3.9k
2k
VR2
2k
VR1
0.01
µ
OSC1
FREQUENCY
ADJUSTER
CTL
BWL
RECH
A
Vcc
Vcc
47
µ
0.01
µ
0.01
µ
0.01
µ
0.1
µ
0.1
µ
0.1
µ
0.1
µ
47
µ
0.1
µ
27p
RECOUT
Vcc
VREG
12
12
SW30b
OSC30
SW30a
1
1
1
2
2
2
N
N
N
SW21
SW19
SW18
OSC18
I23
100P
V
Fig. 1
BA7207AS (SDIP32)
32
31
30
28
27
26
25
24
23
22
21
20
19
18
17
29
1
2
3
5
6
7
8
9
10
11
12
13
14
15
16
4
+
+
•Measurement circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com