Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7613 Datasheet(PDF) 2 Page - Rohm

Part # BA7613
Description  Video signal switcher
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7613 Datasheet(HTML) 2 Page - Rohm

  BA7613 Datasheet HTML 1Page - Rohm BA7613 Datasheet HTML 2Page - Rohm BA7613 Datasheet HTML 3Page - Rohm BA7613 Datasheet HTML 4Page - Rohm BA7613 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Multimedia ICs
BA7613N / BA7613F
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Unit
VCC
∗113.5 / ∗210.0
V
mW
Topr
°C
Tstg
°C
∗1900∗3 / ∗2550∗4
– 25 ~ + 75
– 55 ~ + 125
Pd
Limits
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
∗1 BA7613N.
∗2 BA7613F.
∗3 Reduced by 9.0mW for each increase in Ta of 1°C over 25°C.
∗4 Reduced by 5.5mW for each increase in Ta of 1°C over 25°C.
•Equivalent circuits
100
1.2
µA
100
µA
VCC
IN
CLAMP INPUT
100
20k
50k
34k
VCC
CTLA / CTLB
CTLA / CTLB
32
VCC
OUT
OUTPUT
Output impedance:
32
Ω [Typ.]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com