Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7613 Datasheet(PDF) 4 Page - Rohm

Part # BA7613
Description  Video signal switcher
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7613 Datasheet(HTML) 4 Page - Rohm

  BA7613 Datasheet HTML 1Page - Rohm BA7613 Datasheet HTML 2Page - Rohm BA7613 Datasheet HTML 3Page - Rohm BA7613 Datasheet HTML 4Page - Rohm BA7613 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Multimedia ICs
BA7613N / BA7613F
•Measurement conditions
SW1
SW2
SW3
SW4
SW5
ICC
22222
IN1
IN2
IN3
Vom
Vom
Vom
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
IN1
IN2
IN3
GV
GV
GV
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
IN1
→IN2
IN1
→IN3
IN1
→MUTE
IN2
→IN3
IN2
→MUTE
IN3
→MUTE
CT
CT
CT
CT
CT
CT
1
1
1
2
2
2
2
2
2
1
1
2
2
2
2
2
2
1
3
2
2
2
2
2
2
3
2
3
2
2
IN1
IN2
IN3
Gf
Gf
Gf
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
CTLA
CTLB
VTH
VTH
2
2
2
1
1
2
1
3
3
1
f = 1kHz
THD = 0.5%
f = 1MHz,
V = 1VP-P
f = 4.43MHz,
V = 1VP-P
V = 1VP-P
f = 10MHz / f = 1MHz,
∗1
∗2
∗3
∗4
∗5
Parameter
Symbol
Switch settings
Measurement
method
Current dissipation
Ammeter
Maximum
output
level
Voltage gain
Interchannel
crosstalk
Frequency
characteristic
CTL pin
switching level
∗1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the input level until the output distortion is 0.5%. This
output voltage at this time multiplied by 2 is the maximum output level Vom (VP-P).
∗2: Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN) + 6.
∗3: Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
∗4: Input 1VP-P, 1MHz and 10MHz sine waves.
The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)).
∗5: Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC.
The CTL pin switching level (VTH) is the CTL pin voltage at which the VOUT level drops below 20mVP-P.
•Electrical characteristic curves
5
4
3
2
1
0
01
2
3
4
5
INPUT VOLTAGE: VIN (VP-P)
VCC = 12V
VCC = 9V
VCC = 5V
Fig. 2 VIN vs. VOUT (f = 1kHz)
– 4
100k
300k
1M
3M
10M
30M
100M
– 2
2
0
4
FREQUENCY: f (Hz)
Fig. 3 Frequency characteristics
– 80
100k
300k
1M
3M
10M
30M
100M
– 60
– 40
– 20
0
20
FREQUENCY: f (Hz)
Fig. 4 Interchannel crosstalk
•Operation notes
The output impedance is approximately 32
Ω. Therefore,
to ensure output matching, connect an external resistor of 43
Ω.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com