Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7726AS Datasheet(PDF) 8 Page - Rohm

Part # BA7726AS
Description  Analog compander with vocal fader for KARAOKE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7726AS Datasheet(HTML) 8 Page - Rohm

Back Button BA7726AS Datasheet HTML 3Page - Rohm BA7726AS Datasheet HTML 4Page - Rohm BA7726AS Datasheet HTML 5Page - Rohm BA7726AS Datasheet HTML 6Page - Rohm BA7726AS Datasheet HTML 7Page - Rohm BA7726AS Datasheet HTML 8Page - Rohm BA7726AS Datasheet HTML 9Page - Rohm BA7726AS Datasheet HTML 10Page - Rohm BA7726AS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Multimedia ICs
BA7726AS / BA7726AFS
•Circuit operation
(1) MUTE CTRL (pin 4)
• Controls line muting.
2) L / ST / R CTRL (pin 32)
• Controls LINE OUT output in the NORMAL mode.
(2) OUTPUT CTRL (pins 3, 31, 32)
• LINE OUT output is controlled with pins 3, 31 and 32.
(Microphone mixing is controlled with pin 11.)
1) NO / VC CTRL (pin 31)
• Used to select the NORMAL and VOCAL CUT modes.
LH
MUTE
MUTE
VMUTE (4pin)
LH
NORMAL
NORMAL
: Normal output mode. Controlled by pin 32.
VOCAL CUT : Used to erase or attenuate vocals in
multiplexed karaoke recordings and
normal stereo music recordings.
Controlled by pin3.
VOCAL CUT
VNOVC (31pin)
VLSTR (32pin)
L
M (OPEN)
H
LEFT
STEREO
RIGHT
RIGHT
: LINE IN R input is output to LINE OUT L / R.
STEREO : LINE IN L / R input is output to LINE OUT L / R without modification
LEFT
: LINE IN L input is output to LINE OUT L / R.
3) L / VF / R CTRL (pin 3)
• Controls LINE OUT output in the VOCAL CUT mode.
RIGHT
: For recordings in which the right channel is karaoke
and the left channel is for vocals (with karaoke).
LEFT
: For recordings in which the left channel is karaoke
and the right channel is for vocals (with karaoke).
VLVFR (3pin)
L
M (OPEN)
H
LEFT
RIGHT
VOCAL FADER : Attenuates the vocals from normal stereo recordings.
VOCAL FADER
∗ When Vnovc = L, V
LVFR
= DON ' T CARE
When Vnovc = H, VLSTR = DON ' T CARE
(3) ECHO LEVEL CTRL and MIC ON / OFF SW (pin 11)
• Between Vcc and 0.2
× Vcc: Controls echo signal
mixing ratio
Between Vcc and GND : Turns microphone input
sound (pin 26) to LINE OUT on and off
VCC ~ 0.2
× VCC
0.1
× VCC ~ GND
VECHO (11pin)
MIC ON and ECHO LEVEL CTRL
MIC OFF
– 100
0
– 50
0
0.5
1.0
VECHO (11pin) P.P ratio : VECHO / VCC
MIC AMP IN ~ LINE OUT
(VIN = – 38dBV, f = 1kHz)
DLY BF IN ~ LINE OUT
(VIN = – 4dBV, f = 1kHz)
Fig. 2 LINE OUTattenuation ratio vs. Vecho (11pin)
partial pressure ratio
∗ These figures are for standard samples and
are not guaranteed standards.
(4) LOOP GAIN CTRL (pin 12)
• Adjusts the loop gain (pins 17 and 18).
0
0
0.5
1.0
VCC = 9.0V
–50
–25
VLOOP (12pin) P.P ratio : VECHO / VCC
DLY BF IN
~ CMP BF OUT
(VIN = – 4dBV, f = 1kHz)
Fig. 3 CMP BF OUT attenuation ratio vs. Vloop
(pin 12) partial pressure ratio
∗ These figures are for standard samples and
are not guaranteed standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com