Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7726AS Datasheet(PDF) 9 Page - Rohm

Part # BA7726AS
Description  Analog compander with vocal fader for KARAOKE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7726AS Datasheet(HTML) 9 Page - Rohm

Back Button BA7726AS Datasheet HTML 3Page - Rohm BA7726AS Datasheet HTML 4Page - Rohm BA7726AS Datasheet HTML 5Page - Rohm BA7726AS Datasheet HTML 6Page - Rohm BA7726AS Datasheet HTML 7Page - Rohm BA7726AS Datasheet HTML 8Page - Rohm BA7726AS Datasheet HTML 9Page - Rohm BA7726AS Datasheet HTML 10Page - Rohm BA7726AS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Multimedia ICs
BA7726AS / BA7726AFS
(5) LPF
• Use the internal operational amplifier and an
attached capacitor and resistor to configure a tertiary
LPF for anti-aliasing and smoothing.
Cutoff frequency
LPF constant
Pass band gain
R1
R2
R3
C1
C2
C3
2kHz
22k
Ω
56k
Ω
47k
Ω
6800pF
4700pF
270pF
0.6dB
3kHz
18k
Ω
47k
Ω
39k
Ω
5600pF
3900pF
220pF
0.7dB
4kHz
15k
Ω
39k
Ω
33k
Ω
4700pF
3300pF
180pF
0.8dB
LPF constant examples (VCC = 9.0V)
∗ CMP OUT (pin 20) output is positively correlated with Vcc. When Vcc is a voltage other than 9.0V, set the pass band gain so that maximum CMP side LPF output
(input to BU9252) is 5Vp-p. Make sure that the EXP side LPF constant does not exceed the load drive capability (minimum = 0.3mA, typical 0.5mA).
20
19
18
17
16
–
+
C3
R1
R3
C2
C1
R2
R1
C2
C1
R1
TO BU9252
FROM BU9252
Fig. 4 LPF
(6) Vocal fader function
• After the synchronous component of the left and
right channels is eliminated, LPF output is added to
the signal, which is then output (see figure below).
The vocal component is difficult to remove from cer-
tain types of sources.
56789
LINE
LINE
C2
C1
LPF
+
–
IN L
IN R
TO OUTSW
Fig. 5 Vocal fader block
LPF constant examples
Cutoff frequency
LPF constant
C1
C2
100Hz
0.022
µF
0.1
µF
150Hz
0.015
µF
0.068
µF
200Hz
0.01
µF
0.047
µF
∗ C1 and C2 are only necessary when using the vocal fader function.
(7) ALC level
• When Vcc is 9.0V, ALC level can be set roughly
between -4dBV and +9dBV, and is determined by the
voltage impressed on pin 28 (V28, set with resistive
division between Vcc and the ground). ALC level is
calculated with the following equation, although slight
error occurs as V28 approaches VCC.
0
0
VCC = 9.0V
510
Set within this range
+ 10
+ 5
–5
–10
Pin 28 voltage: V28 (V)
at LINE OUT (f = 1kHz)
Fig. 6 ALC level vs. pin 28 voltage
∗ These figures are for standard samples and
are not guaranteed standards.
VOAML
1.0
V28
0.85
× (VCC – 1.0), at LINE OUT
1
2
× 2 ×
(VCC – V28) [Vrms],



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com