Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA9700AF Datasheet(PDF) 2 Page - Rohm

Part # BA9700AF
Description  Switching regulator for DC / DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9700AF Datasheet(HTML) 2 Page - Rohm

  BA9700AF Datasheet HTML 1Page - Rohm BA9700AF Datasheet HTML 2Page - Rohm BA9700AF Datasheet HTML 3Page - Rohm BA9700AF Datasheet HTML 4Page - Rohm BA9700AF Datasheet HTML 5Page - Rohm BA9700AF Datasheet HTML 6Page - Rohm BA9700AF Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BA9700A / BA9700AF / BA9700AFV
Regulator ICs
!Electrical characteristics
(unless otherwise noted, Ta = 25
°C, VCC = 5.0V, Rt = 10kΩ, and Ct = 330pF)
Parameter
Min.
Typ.
Max.
Unit
Conditions
2.48
2.57
2.66
V
Iref = 0.1mA
1.22
1.29
1.36
V
-
3.00
12.0
mV
VCC = 3.55V~24V
-
1.00
5.00
mV
Iref = 0.1mA~1.0mA
-
6.00
10.0
mV
Iref = 0.1mA~8.0mA
2.48
2.57
2.66
V
-
10.0
30.0
mA
Vref = 0V
-
230
-
kHz
-10
-
%
-1
-
%
-6.0
-
mV
-100
-
nA
1.60
1.90
-
V
70.0
80.0
-
dB
70.0
80.0
-
dB
-
180
500
nA
-
2.04
2.24
V
1.25
1.43
-
V
-
-
10.0
µA
-
1.70
2.10
V
-
1.70
2.40
mA
-
0
7.00
µA
Symbol
Vref
1/2 Vref
Line
Load1
Load2
Vref
Iosc
fosc
fosc
fdv
VIO
IIO
VICR
AV
CMRR
IIB
Vt0
Vt100
Leak
Vsat
ICC
ICCS
VCC
3.55
-
24.0
V
VO = 24V
IO = 50mA
6.0
100
Null Method
Null Method
Null Method
Null Method
Null Method
Null Method
POWER SW = 0V
VCC = 3.55~24V
Iref = 0.1mA, VCC = 3.55V
RT = 10k
Ω, CT = 330pF
DUTY 0%
DUTY 100%
RT = OPEN POWER SW = 2.5V
R and C are constant
T
T
Output voltage
Line regulation
Load regulation 1
Load regulation 2
Output voltage when power decreases
Output current when short-circuited
〈Triangular wave oscillation section〉
Oscillation frequency
Standard deviation of
oscillation frequency
Frequency variation (V
)
CC
〈Error amplifier section〉
Input offset voltage
Input offset current
Maximum input voltage
Open loop gain
Common-mode rejection ratio
Input bias current
Threshold voltage 1
Threshold voltage 2
Output transistor leakage current
Output saturation voltage
Quiescent current
Standby current
Operating voltage
1/2 V
output voltage
ref
〈PWM comparator section〉
〈Output section〉
〈Total device〉
〈Reference voltage section〉



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com