Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA9700AF Datasheet(PDF) 1 Page - Rohm

Part # BA9700AF
Description  Switching regulator for DC / DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9700AF Datasheet(HTML) 1 Page - Rohm

  BA9700AF Datasheet HTML 1Page - Rohm BA9700AF Datasheet HTML 2Page - Rohm BA9700AF Datasheet HTML 3Page - Rohm BA9700AF Datasheet HTML 4Page - Rohm BA9700AF Datasheet HTML 5Page - Rohm BA9700AF Datasheet HTML 6Page - Rohm BA9700AF Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BA9700A / BA9700AF / BA9700AFV
Regulator ICs
Switching regulator for DC / DC
Converters
BA9700A / BA9700AF / BA9700AFV
The BA9700A, BA9700AF and BA9700AFV are switching regulators that use a pulse width modulation (PWM) system.
They use a transistor switch to stabilize the output voltage.
By the use of the transistor, power loss is decreased, fluctuation efficiency is improved, and the circuit is made more
compact and single.
!
!
!
!Features
1) Output voltage can step up, step down, or invert at an
arbitrary level.
2) Low current consumption. (typically 1.7mA)
3) Wide oscillation frequency range.
(typically 2.8k ~ 470kHz)
4) Built-in reference voltage current. (typically 2.57V)
5) Operates at low voltage. (minimally 3.55V)
6) Dead time controller restricts operation when
overloaded.
7) Power switch can isolate all circuits in the IC.
8) Best suited for battery operated equipment.
9) Compact 14-pin SSOP package (BA9700AFV).
!
!
!
!Block diagram
30k
30k
Vref
Error
Amp
PWM
Comparator
NON
INVERT
INPUT
INVERT
INPUT
POWER
SW
1/2 Vref
Vref
N. C.
VCC
FEED
BACK
D - TIME
CONT
N. C.
OUT
CT
RT
GND
14
13
12
11
10
9
8
123
456
7
+
−
Voltage
Regulator
Triangle
Oscillator
BA9700A
BA9700AF
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
*3 BA9700AFV : Reduced by 3.5 mW for each increase in Ta of 1˚C over 25˚C.
Parameter
Symbol
Limits
Unit
VCC
24
V
BA9700A
Pd
600
mW
BA9700AF
350 *2
*1
BA9700AFV
350 *3
Topr
-20~+80
°C
Tstg
-55~+150
°C
*2,*3 When mounted on a 5.0´5.0´1.6 mm glass epoxy board.
*1 BA9700A: Reduced by 4.8 mW for each increase in Ta of 1˚C over 25˚C.
Power supply voltage
Power
dissipation
Operating temperature
Storage temperature
*2 BA9700AF: Reduced by 4.4 mW for each increase in Ta of 1˚C over 25˚C.


Similar Part No. - BA9700AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9706K ROHM-BA9706K Datasheet
348Kb / 11P
3-channel switching regulator controller
BA9707 ROHM-BA9707 Datasheet
157Kb / 6P
4-channel switching regulator
BA9707KV ROHM-BA9707KV Datasheet
157Kb / 6P
4-channel switching regulator
BA9708 ROHM-BA9708 Datasheet
158Kb / 6P
3-channel switching regulator
BA9708K ROHM-BA9708K Datasheet
158Kb / 6P
3-channel switching regulator
More results

Similar Description - BA9700AF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
Switching Regulator Controllers for DC/DC Converters
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
Switching Regulator Application DC-DC Converters
04-Mar-2002
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Intersil Corporation
ISL8540 INTERSIL-ISL8540 Datasheet
960Kb / 16P
DC/DC Power Switching Regulator
logo
Toshiba Semiconductor
2SK4022 TOSHIBA-2SK4022_09 Datasheet
183Kb / 6P
Switching Regulators, DC-DC Converters and
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
DC-DC Converters Switching Voltage Regulators
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
DC/DC Power Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com