Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3866AS Datasheet(PDF) 21 Page - Rohm

Part # BH3866AS
Description  Dual-line serial control sound processor IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3866AS Datasheet(HTML) 21 Page - Rohm

Back Button BH3866AS Datasheet HTML 17Page - Rohm BH3866AS Datasheet HTML 18Page - Rohm BH3866AS Datasheet HTML 19Page - Rohm BH3866AS Datasheet HTML 20Page - Rohm BH3866AS Datasheet HTML 21Page - Rohm BH3866AS Datasheet HTML 22Page - Rohm BH3866AS Datasheet HTML 23Page - Rohm BH3866AS Datasheet HTML 24Page - Rohm BH3866AS Datasheet HTML 25Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
Video ICs
BH3866AS
(4) Bass filter for tone control
GND
VCC
1
2 V
CC
30k
R1
C1
1
2 V
CC
5k
25k
RB, LB, and CB pins
GND
VCC
1
2 V
CC
30k
R2
C2
LPF
+
+
RT, LT, and CT pins
HPF configuration
–
0.001
1
0.1
0.01
10
0.001
0.01
0.1
1
10
Gain 0dB voltage
VCC = 9V
AGCADJ voltage = 4.1V
LR common-mode input
AGC off
AGC on
INPUT VOLTAGE (Vrms)
Fig. 6 (Reference data)
AGC characteristic
600
500
400
300
200
100
0
2
2.5
3
3.5
4
4.5
5
[3pin]
VCC = 9V
LR same-phase input
AGCADJ VOLTAGE (V)
Fig. 7 (Reference data) Relation
between AGCADJ voltage
and gain 0dB voltage
· Determining cutoff frequencies
At a frequency of fC1, the LPF will be –3dB.
fC1 =
=
2
πC1R1
1
2
πC1 × 30k
1
(5) Treble filter for tone control
Fig.5
Fig.4
(6) Setting the AGC level
The AGC level is set by the voltage divider between
voltage VCC and GND. A gain of 0dB voltage should be
used in the range of 100mVrms to 400mVrms.
fC2 =
=
2
πC2R2
1
2
πC2 × 30k
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com