Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3866AS Datasheet(PDF) 5 Page - Rohm

Part # BH3866AS
Description  Dual-line serial control sound processor IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3866AS Datasheet(HTML) 5 Page - Rohm

  BH3866AS Datasheet HTML 1Page - Rohm BH3866AS Datasheet HTML 2Page - Rohm BH3866AS Datasheet HTML 3Page - Rohm BH3866AS Datasheet HTML 4Page - Rohm BH3866AS Datasheet HTML 5Page - Rohm BH3866AS Datasheet HTML 6Page - Rohm BH3866AS Datasheet HTML 7Page - Rohm BH3866AS Datasheet HTML 8Page - Rohm BH3866AS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Video ICs
BH3866AS
Pin No. Pin name
I / O
Zin
Pin voltage
Equivalent circuit
Function
Treble filter pins for the left,
right, and center channels.
Integration pins that prevent
shock sound when switching
the bass and treble levels.
25
——
—
—
30k
STT
9
STB
22
4.5V
30k
CT
24
LT
10
RT
Bass filter pins for the left,
right, and center channels.
21
4.5V
30k
CB
23
LB
11
RB
Integration pins that prevent
shock sound when switching
the volume levels on the left,
right, and center channels.
14
—
—
30k
SLV
18
SCV
13
SRV
VCC
GND
30k
DAC
VCC
GND
30k
1
2 V
CC
VCC
GND
30k
1
2 V
CC
VCC
GND
30k
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com