Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9761FS Datasheet(PDF) 3 Page - Rohm

Part # BU9761FS
Description  Quad 2-input / 2-output analog switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9761FS Datasheet(HTML) 3 Page - Rohm

  BU9761FS Datasheet HTML 1Page - Rohm BU9761FS Datasheet HTML 2Page - Rohm BU9761FS Datasheet HTML 3Page - Rohm BU9761FS Datasheet HTML 4Page - Rohm BU9761FS Datasheet HTML 5Page - Rohm BU9761FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Standard ICs
BU9761FS
•AC characteristics (unless otherwise noted, Ta = 25°C, VDD = 5V, CL = 50 pF, RL = 10kΩ)
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VDD (V)
tPLH1
—
40
—
ns
5
Output "L"
→Output "H"
Output "H"
→Output "L"
Fig.4
tPHL1
—
40
—
ns
5
tPLH2
—
50
—
ns
5
Output "L"
→Output "H"
Output "H"
→Output "L"
Fig.5
tPHL2
—
40
—
ns
5
tPHZ
—
200
—
ns
5
Output "H"
→Output "High Z"
Output "L"
→Output "High Z"
Fig.6
Fig.7
tPLZ
—
200
—
ns
5
tPZH
—
50
—
ns
5
Output "High Z"
→Output "H"
Output "High Z"
→Output "L"
Fig.6
Fig.7
tPZL
—
50
—
ns
5
CC
—
35
—
pF
5
f = 1MHz
—
CS
—
65
—
pF
5
f = 1MHz
—
D
—
0.06
—
%
5
Fig.8
—
1.15
—
MHz
5
VIN = 2.5VP-P
Fig.8
FT
—
– 70
—
dB
5
Fig.9
CTC
—
620
—
mVP-P
5f = 10kHz
Fig.10
CT
—
– 50
—
dB
5
Fig.11
Parameter
VIN = 2.5VP-P, f = 1kHz
VIN = 2.5VP-P, f = 10kHz
VIN = 2.5VP-P, f = 10kHz
fMax.
Propagation delay time
IN to OUT
Propagation delay time
SELECT to OUT
Output Enable time
Output Disable time
Input capacitance
(control input)
Input capacitance
(switch input)
Sine wave distortion
(T.H.D.)
Max. propagation frequency
Feedthrough attenuation
Crosstalk
(control / switch)
Crosstalk between channels
•DC characteristics (unless otherwise noted, Ta = 25°C, VDD = 5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIH
3.5
——
VRL = 10k
Ω
Fig.1
VIL
——
1.5
V
RL = 10k
Ω
Fig.1
IIH
——
0.3
µARL = 10kΩ
Fig.1
IIL
——
0.3
µARL = 10kΩ
Fig.1
RON
—
135
150
Ω
Fig.2
—
12
25
Ω
Fig.2
——
µA
Fig.3
IQ
——
1.0
µAVIN = GND
—
Ioff
Measurement
circuit
VIN = VDD / 2, RL = 1k
Ω
VIN = VDD / 2, RL = 1k
Ω
VIN = 5V, VOUT = 0V
VIN = 0V, VOUT = 5V
0.3
– 0.3
∆RON
Input high-level voltage
Input low-level voltage
Input high-level current
Input low-level current
ON resistance
ON resistance deflexion
OFF-channel leakage current
Quiescent current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com