Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9761FS Datasheet(PDF) 1 Page - Rohm

Part # BU9761FS
Description  Quad 2-input / 2-output analog switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9761FS Datasheet(HTML) 1 Page - Rohm

  BU9761FS Datasheet HTML 1Page - Rohm BU9761FS Datasheet HTML 2Page - Rohm BU9761FS Datasheet HTML 3Page - Rohm BU9761FS Datasheet HTML 4Page - Rohm BU9761FS Datasheet HTML 5Page - Rohm BU9761FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Standard ICs
Quad 2-input / 2-output analog switch
BU9761FS
The BU9761FS are analog switches with four circuits each, two for input and two for output. Depending on the status
of the SELECT pin, the two input signals can be switched to either of two output pins. In addition, the EN pin can be
used to set the output status to high impedance.
•Applications
Videos, movies, TVs, mini-component sets, radio cas-
sette players, audio equipment, personal computers
•Features
1) Ultra-compact slim package. (SSOP-A20)
2) Low current dissipation. (IQ = 1
µA Max.)
3) Equipped with Output Enable terminal.
4) Low switching ON resistance. (RON = 130
Ω)
5) Low dispersion in switching ON resistance for the
various channels. (
∆RON = 25Ω Max.)
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VDD
V
Pd
600∗1
mW
Topr
°C
Tstg
°C
– 25 ~ + 75
– 0.3 ~ + 7.0
– 50 ~ + 150
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
∗1 Reduced by 4.8mW for each increase in Ta of 1°C over 25°C.
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VDD
4.0
5.0
6.0
V


Similar Part No. - BU9761FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97600FUV-M ROHM-BU97600FUV-M Datasheet
1Mb / 63P
AEC-Q100 Qualified
BU97600FV-M ROHM-BU97600FV-M Datasheet
1Mb / 63P
AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
AEC-Q100 Qualified
BU9764 ROHM-BU9764 Datasheet
38Kb / 4P
Pulse driver for LCD drive
BU9764FV ROHM-BU9764FV Datasheet
38Kb / 4P
Pulse driver for LCD drive
More results

Similar Description - BU9761FS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
2-INPUT 1-OUTPUT AUDIO SWITCH
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
2-Input 1-Output Video Switch
logo
LG Semicon Co.,Ltd.
GD74HCT298 LG-GD74HCT298 Datasheet
272Kb / 6P
QUAD 2-INPUT MULTIPLEXERS WITH OUTPUT LATCH
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
2-Input 2-Output Video Switch
logo
ON Semiconductor
MC14093B ONSEMI-MC14093B_14 Datasheet
141Kb / 8P
Quad 2-Input
August, 2014 ??Rev. 10
logo
PHOENIX CONTACT
2702072 PHOENIX-2702072 Datasheet
297Kb / 31P
Axioline F analog input and output module, 2 inputs, 2 outputs
logo
Nexperia B.V. All right...
74HC03 NEXPERIA-74HC03 Datasheet
226Kb / 11P
Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com