Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP1 Datasheet(PDF) 2 Page - Rohm

Part # FMP1
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMP1 Datasheet(HTML) 2 Page - Rohm

  FMP1 Datasheet HTML 1Page - Rohm FMP1 Datasheet HTML 2Page - Rohm FMP1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FMN1 / FMP1 / IMN10 / IMN11 / IMP11 /
Diodes
UMN1N / UMP1N / UMN11N / UMP11N
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
∗1 Not to exceed 200mW per element.
∗2 Not to exceed 120mW per element.
Type
VR
(V)
IFM
(mA)
Pd (mW)
UMN1N
80
80
80
25
0.25
150
FMP1
UMP1N
80
80
80
25
0.25
150
−55∼+150
IMN10
80
80
300
100
4
150
−55∼+150
80
80
300
100
4
150
−55∼+150
80
80
300
100
4
150
−55∼+150
150/80
150/80
−55∼+150
FMN1
300 ∗1
150 ∗2
150 ∗2
UMN11N
IMN11
UMP11N
IMP11
VRM
(V)
(1
µs)
(TOTAL)
IO
(mA)
Isurge
(A)
Peak
reverse
voltage
DC
reverse
voltage
Tj
(˚C)
Tstg
(˚C)
Peak
forward
current
Mean
rectifying
current
Surge
current
Power
dissipation
Junction
temperature
Storage
temperature
!
!
!
!Electrical characteristics
(Ta=25
°C)
Type
Cond.
VF
(V)
Max.
Cond.
Cond.
Max.
Cond.
CT
(pF)
Max.
Max.
IF
(mA)
VR
(V)
IF
(mA)
VR
(V)
f (MHz)
VR
(V)
FMN1
UMN1N
0.9
5
0.1
70
3.5
6
1
4
6
5
FMP1
UMP1N
0.9
5
0.1
70
3.5
6
1
4
6
5
IMN10
1.2
100
0.1
70
3.5
6
1
4
6
5
1.2
100
0.1
70
3.5
6
1
4
6
5
1.2
100
0.1
70
3.5
6
1
4
6
5
trr (ns)
IR
(
µA)
UMN11N
IMN11
UMP11N
IMP11
Forward voltage
Reverse recovery time
Reverse current
Capacitance between terminals
!
!
!
!Electrical characteristic curves
(Ta=25
°C)
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta (˚C)
Fig.1 Power reduction curve
0
Ta=25˚C
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
FORWARD VOLTAGE : VF
(V)
Fig. 2 Forward current vs.
forward voltage
(P Type)
0
Ta=100˚C
75˚C
50˚C
25˚C
0˚C
−25˚C
1 000
100
10
1.0
0.1
0.01
10
20
30
40
50
REVERSE VOLTAGE : VR
(V)
Fig.3 Reverse current vs.
reverse voltage
(P Type)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com