Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP1 Datasheet(PDF) 3 Page - Rohm

Part # FMP1
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMP1 Datasheet(HTML) 3 Page - Rohm

  FMP1 Datasheet HTML 1Page - Rohm FMP1 Datasheet HTML 2Page - Rohm FMP1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FMN1 / FMP1 / IMN10 / IMN11 / IMP11 /
Diodes
UMN1N / UMP1N / UMN11N / UMP11N
Ta=25˚C
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
FORWARD VOLTAGE : VF
(V)
Fig.4 Forward current vs.
forward voltage
(N Type)
0
Ta=100˚C
75˚C
50˚C
25˚C
0˚C
−25˚C
1 000
100
10
1.0
0.1
0.01
10
20
30
40
50
REVERSE VOLTAGE : VR
(V)
Fig.5 Reverse current vs.
reverse voltage
(N Type)
0
0
2
2468
10 12 14 16
N Type
4
Ta=25˚C
f=1MHz
P Type
REVERSE VOLTAGE : VR
(V)
Fig.6 Capacitance between
terminals vs.
reverse voltage
P Type
0
0
N Type
Ta=25˚C
VR=6V
10
9
8
7
6
5
4
3
2
1
123456789
10
FORWARD CURRENT : IF
(mA)
Fig.7 Reverse recovery time vs.
forward current
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
5k
Ω
0.01
µF
100ns
trr
OUTPUT
0
INPUT
D.U.T.
Fig.8 Reverse recovery time (trr) measurement circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com