Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005P Datasheet(PDF) 1 Page - Sames

Part # SA2005P
Description  Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005P Datasheet(HTML) 1 Page - Sames

  SA2005P Datasheet HTML 1Page - Sames SA2005P Datasheet HTML 2Page - Sames SA2005P Datasheet HTML 3Page - Sames SA2005P Datasheet HTML 4Page - Sames SA2005P Datasheet HTML 5Page - Sames SA2005P Datasheet HTML 6Page - Sames SA2005P Datasheet HTML 7Page - Sames SA2005P Datasheet HTML 8Page - Sames SA2005P Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
+ Direct drive for electro-mechanical counters or stepper
motors
+ Calibration and setup stored on external EEPROM - no
trim-pots required
+ Flexible programmable features providing ease of
implementation for meter manufacturers
+ Per phase energy direction and voltage fail indication
+ Precision oscillator on chip
sames
sames
Programmable Three Phase Power / Energy Metering
IC for Stepper Motor / Impulse Counter Applications
SA2005P
1/16
SPEC-0086 (REV. 2)
07-02-01
+ Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
+ Operates over a wide temperature range
+ Easily adaptable to different signal levels
+ Adaptable to different types of sensors
+ Precision voltage reference on-chip
+ Protected against ESD
DESCRIPTION
The SAMES SA2005P provides a single chip active energy
metering solution for three phase mechanical counter-based
meter designs.
Th SA2005P does not require any external trim-pots or resistor
ladders for meter calibration. Calibration and meter
configuration information is stored on a small external
EEPROM.
Meter setup stored on the EEPROM includes various metering
direction modes (total sum, absolute sum, positive or negative
energy) phase calibration data, rated metering conditions,
LED pulse rate, counter pulse width, counter resolution and
creep current.
A programmable rate pulse output is available for meter
calibration purposes. Per phase voltage fail and voltage
sequence faults as well as energy direction indication are
available as LED outputs. Programmable dividers enable
various mechanical counter or stepper motor counter
resolutions.
A precision oscillator, that replaces an external crystal, is
integrated on chip. A voltage reference is integrated on chip.
The SA2005P integrated circuit is available in 24-pin dual in
line plastic (DIP-24) and small outline (SOIC-24) package
options.
Figure 1: Block diagram
REF
OSC
TIMING & CONTROL
PH / DIR
TEST
LED
VDD VSS
IVN1
X
IIN1
IIP1
VREF
GND
IVN2
X
I2
V2
IIN2
IIP2
IVN3
X
I3
V3
IIN3
IIP3
INTERFACE
SCL
SDA
MON
MOP
RLOAD
PH2
PH1
PH3
PROG.
ADDER
POWER
TO
PULSE
RATE
PROGRAM-
MABLE
ADDER
I1
V1
CHANNEL
BALANCE
CHANNEL
BALANCE
CHANNEL
BALANCE
dr-01605


Similar Part No. - SA2005P

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005P SAMES-SA2005P Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
More results

Similar Description - SA2005P

ManufacturerPart #DatasheetDescription
logo
Sames
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Sames
SA2005M SAMES-SA2005M Datasheet
361Kb / 12P
Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
THREE PHASE POWER/ENERGY METERING MODULE
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
logo
Fortune Semiconductor C...
FS7755 FORTUNE-FS7755 Datasheet
864Kb / 22P
Energy Metering IC with Impulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com