Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005P Datasheet(PDF) 12 Page - Sames

Part # SA2005P
Description  Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005P Datasheet(HTML) 12 Page - Sames

Back Button SA2005P Datasheet HTML 8Page - Sames SA2005P Datasheet HTML 9Page - Sames SA2005P Datasheet HTML 10Page - Sames SA2005P Datasheet HTML 11Page - Sames SA2005P Datasheet HTML 12Page - Sames SA2005P Datasheet HTML 13Page - Sames SA2005P Datasheet HTML 14Page - Sames SA2005P Datasheet HTML 15Page - Sames SA2005P Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
sames
sames
SA2005P
12/16
http://www.sames.co.za
TYPICAL APPLICATION
CALCULATION OF EXTERNAL RESISTOR VALUES
In figure 8, all the components required for a three-phase
power/energy metering section, is shown. The application
uses current transformers for current sensing. The 4-wire
meter section is capable of measuring 3x230V/80A with
precision better than Class 1
The most important external components for the SA2005P
integrated circuit are the current sense resistors, the voltage
sense resistors as well as the bias setting resistor.
Bias Resistor
R7 defines all on-chip and reference currents. With R7=24kW,
optimum conditions are set.
CT Termination Resistor
The voltage drop across the CT termination resistor at rated
current should be at least 20mV. The CT's used have low
phase shift and a ratio of 1:2500.The CT is terminated with a
2.7W resistor giving a voltage drop across the termination
resistor 864mV at rated conditions (Imax for the meter).
Current Sense Resistors
The resistors R1 and R2 define the current level into the
current sense inputs of phase one of the device. The resistor
values are selected for an input current of 16µA on the current
inputs at rated conditions.
According to equation described in the Current Sense inputs
section:
R1 = R2 = ( I / 16µA ) x R
/ 2
LSH
= 80A /2500 / 16µA x 2.7W / 2
= 2.7kW
I = Line current / CT Ratio
L
The three current channels are identical so R1 = R2 = R3 = R4
= R5 = R6.
Voltage Divider
The three voltage divider for voltage measurement are
identical so resistor values for one phase will be calculated.
The voltage divider is calculated for a voltage drop of 14V.
Equations for the voltage divider in figure 5 are:
RA = R16 + R19 + R22
RB = R8 || R13
Combining the two equations gives:
(RA + RB ) / 230V = RB / 14V
Resistor values R11 = R12 = R13= 24kW and R8 =1MW is
chosen.
Substituting the values result in:
RB = 23.4375kW
RA = RB x (230V / 14V - 1)
RA = 361.607kW.
Resistor values of R16, R19 and R22 is chosen to be 130k,
130k and 100k.
The three voltage channels are identical so R14= R15= R16 ,
R17 = R18 = R19 and R20 = R21= R22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com