Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2531C Datasheet(PDF) 2 Page - Sames

Part # SA2531C
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531C Datasheet(HTML) 2 Page - Sames

  SA2531C Datasheet HTML 1Page - Sames SA2531C Datasheet HTML 2Page - Sames SA2531C Datasheet HTML 3Page - Sames SA2531C Datasheet HTML 4Page - Sames SA2531C Datasheet HTML 5Page - Sames SA2531C Datasheet HTML 6Page - Sames SA2531C Datasheet HTML 7Page - Sames SA2531C Datasheet HTML 8Page - Sames SA2531C Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/24
SA2531 A/B/C/E/G/U
sames
PIN CONFIGURATIONS
PACKAGE
Available in 28 pin DIP and PLCC
PIN DESCRIPTION
Pin# Symbol Function
23
M1
Microphone Inputs
24
M2
Differential inputs for the microphone (electret).
3
RO1
Receiver Outputs
2
RO2
These are the outputs for driving a dynamic earpiece with an impedance
of 150 to 300
Ω
5A
GND
Analogue Ground
This is the analog ground for the amplifiers.
28
RI
Receive Input
This is the input for the receive signal.
6
STB
Side Tone Balance Input
This is the input for side tone cancellation.
1LS
Line Current Sense Input
This is the input for sensing the line current.
27
LI
Line Input
This input is used for power extraction and line current sensing.
28 Pin PLCC
28 Pin DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com