Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2531C Datasheet(PDF) 5 Page - Sames

Part # SA2531C
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531C Datasheet(HTML) 5 Page - Sames

  SA2531C Datasheet HTML 1Page - Sames SA2531C Datasheet HTML 2Page - Sames SA2531C Datasheet HTML 3Page - Sames SA2531C Datasheet HTML 4Page - Sames SA2531C Datasheet HTML 5Page - Sames SA2531C Datasheet HTML 6Page - Sames SA2531C Datasheet HTML 7Page - Sames SA2531C Datasheet HTML 8Page - Sames SA2531C Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
sames
SA2531 A/B/C/E/G/U
5/24
or after pressing the MUTE key, the gain is reduced by > 60 dB.
Receive
The receive input is the differential signal of RI and STB. The gain of the receive path
is 2 dB (test circuit figure 5) with differential outputs, RO1/RO2 (0dB on 1000
Ω versions).
When mute is active during dialling the gain is reduced by > 60dB. During DTMF dialling
a MF comfort tone is applied to the receiver. The comfort tone is the DTMF signal with
a level that is -30dB relative to the line signal.
The receive gain can be adjusted under user control by using the volume control keys (not
on SA2531D). The VOL key gives a 4dB increase or returns the gain to normal in a Toggle
Function. Alternatively the + and - keys may be used. The + key increases the gain to
a maximum of +6dB while the - key reduces the gain to a minimum of -4dB. Each press
of the keys changes the gain by approximately 2dB.
The gain is reset by the next on-hook.
Side Tone
Side Tone is controlled along with Return Loss by a Double Balance Bridge as shown in
Fig. 1.
Figure 1
Double balance bridge (return loss and side tone) with one common ground
A good side tone cancellation is achieved by using the following equation:
ZBAL
=
R5
ZLINE
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com