Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9110A Datasheet(PDF) 17 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 17 Page - Sames

Back Button SA9110A Datasheet HTML 10Page - Sames SA9110A Datasheet HTML 11Page - Sames SA9110A Datasheet HTML 12Page - Sames SA9110A Datasheet HTML 13Page - Sames SA9110A Datasheet HTML 14Page - Sames SA9110A Datasheet HTML 15Page - Sames SA9110A Datasheet HTML 16Page - Sames SA9110A Datasheet HTML 17Page - Sames SA9110A Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SA9110A
sames
17/18
Parts List for Application Circuit: Figure 1 (Continued)
Item
Symbol
Description
Detail
41
LED
Light emmitting diode
42
D1
Diode, Shottkey
43
D2
Diode, 1N4148
44
DIPSW
DIP swich, 2 poles
45
PBUT
Push button
ORDERING INFORMATION
Part Number
Package
SA9110AFA
PLCC-68
Note 1 : Resistor values are dependant upon the rated mains voltage (230V in this case)
Note 2 : Resistor (R
8, R9, R10, R11, R12 and R13) values are dependant upon the selected
values of the current transformer termination resistors R
18, R19 and R20.
Note 3 : Capacitor values may be selected to compensate for phase errors caused by the
current transformers.
Note 4 : Capacitor (C13) to be positioned as close to supply pins (V
DD & VSS) of IC-1, as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com