Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9110A Datasheet(PDF) 6 Page - Sames

Part # SA9110A
Description  MONOCHIP THREE PHASE BIDIRECTIONAL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9110A Datasheet(HTML) 6 Page - Sames

Back Button SA9110A Datasheet HTML 2Page - Sames SA9110A Datasheet HTML 3Page - Sames SA9110A Datasheet HTML 4Page - Sames SA9110A Datasheet HTML 5Page - Sames SA9110A Datasheet HTML 6Page - Sames SA9110A Datasheet HTML 7Page - Sames SA9110A Datasheet HTML 8Page - Sames SA9110A Datasheet HTML 9Page - Sames SA9110A Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SA9110A
6/18
sames
FUNCTIONAL DESCRIPTION
The SA9110A is a CMOS mixed signal Analog/Digital integrated circuit, which performs
three phase energy calculations across a power range of 1000:1, to an overall accurancy
of better than Class 1. An on-chip LCD driver directly drives a 7 digit (7 segment) LCD.
Also included on-chip, are 4 x tariff registers externally selectable for multi-tariff energy
metering applications and a fifth register which retains the total energy consumption.
The integrated circuit includes all the required functions such as two oversampling A/D
converters for the voltage and current sense inputs, power calculation and energy
integration. Offset is eliminated through the use of internal cancellation procedures.
1.
Power Calculation
In the Application Circuit (Figure 1), the mains voltage from Line 1, Line 2 and Line
3, are converted to currents and applied to the voltage sense inputs IVP1, IVP2 and
IVP3.
The current levels on the voltage sense inputs are derived from the mains voltage
(3 x 230 VAC) being divided down through voltage dividers to 14V. The resulting
input currents into the A/D converters are 14µA through the resistors R
15, R16 and
R
17.
For the current sense inputs the voltage drop across the current transformers
terminating resitors are converted to currents of 16µA for rated conditions, by means
of resistors R
8, R9 (Phase 1); R10, R11 (Phase 2) and R12, R13 (Phase 3).
The signals providing the current information are applied to the current sensor inputs
IIN1, IIP1, IIN2, IIP2 and II3, IIP3.
A pulse rate output for calibration purposes is available on SDO (Pin 62), the pulse
rate being proportional to the active energy consumption.
The integrated anti-creep function ensures no metering when no line current is
present.
2.
Analog Input Configuration
The input circuitry of the current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog signal processing circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com