Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9605APA Datasheet(PDF) 8 Page - Sames

Part # SA9605APA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605APA Datasheet(HTML) 8 Page - Sames

Back Button SA9605APA Datasheet HTML 4Page - Sames SA9605APA Datasheet HTML 5Page - Sames SA9605APA Datasheet HTML 6Page - Sames SA9605APA Datasheet HTML 7Page - Sames SA9605APA Datasheet HTML 8Page - Sames SA9605APA Datasheet HTML 9Page - Sames SA9605APA Datasheet HTML 10Page - Sames SA9605APA Datasheet HTML 11Page - Sames SA9605APA Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SA9605A
sames
8/14
The frequencies shown in the above table were chosen to allow a 4 - 3 - 2 scaling ratio
for rated conditions. This facility provides ease of interface with applications which use
the same post divider with mechanical counter or unchanged microcontroller software
for different current rated kWh meters.
For example, a meter manufacturer may wish to build meters for 3 system configurations
with rated current loading of 80A
RMS, 60ARMS and 40ARMS.
The rated line voltage is
230V
RMS.
FOUT1 Frequency
Consider the case where FOUT1 is the output of the energy counting block. For each
of the three rated conditions, the input current sensing resistors are chosen to ensure that
16µA
RMS flows into the current sensing pins.
Case 1
I
L = 80ARMS
1 pulse on FOUT1 =
80 * 230 * 3 = 47.6Ws
1160
Case 2
I
L = 60ARMS
1 pulse on FOUT1 =
60 * 230 * 3 = 35.7Ws
1160
Case 3
I
L = 40ARMS
1 pulse on FOUT1 =
40 * 230 * 3 = 23.8Ws
1160
The amount of energy represented by one pulse for each of the three cases is different.
In addition to changing the current sensing resistor network, the energy counting block
must also be altered.
FOUT2 Frequency
Now consider the advantage of the user selectable frequency available on FOUT2.
Again the input current sensing resistors must be chosen to ensure that 16µA
RMS flows
into the current sensing pins.
Case 1
I
L = 80ARMS,
PGM1 = 0
PGM0 = 0
1 pulse on FOUT2 =
80 * 230 * 3 = 10.8kWs
5.11
Case 2
I
L = 60ARMS,
PGM1 = 0
PGM0 = 1
1 pulse on FOUT2 =
60 * 230 * 3 = 10.8kWs
3.83
Case 3
I
L = 40ARMS,
PGM1 = 1
PGM0 = 0
1 pulse on FOUT2 =
40 * 230 * 3 = 10.8kWs
2.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com