Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9605APA Datasheet(PDF) 7 Page - Sames

Part # SA9605APA
Description  THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9605APA Datasheet(HTML) 7 Page - Sames

Back Button SA9605APA Datasheet HTML 3Page - Sames SA9605APA Datasheet HTML 4Page - Sames SA9605APA Datasheet HTML 5Page - Sames SA9605APA Datasheet HTML 6Page - Sames SA9605APA Datasheet HTML 7Page - Sames SA9605APA Datasheet HTML 8Page - Sames SA9605APA Datasheet HTML 9Page - Sames SA9605APA Datasheet HTML 10Page - Sames SA9605APA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SA9605A
sames
7/14
FOUT1
DR-01145
DIR
DIR
FOUT1
FOUT1
FOUT1
DIR
DIR
DIR
FOUT1
FOUT1
DIR
8.94 s
µµ
PHASE 3,
NEGATIVE
PHASE 3,
POSITIVE
71.55 s
µµ
PHASE 2,
NEGATIVE
PHASE 2,
POSITIVE
PHASE 1,
NEGATIVE
8.94 s
µµ
PHASE 1,
POSITIVE
These waveforms demonstrate how to establish the direction of energy flow as well
as the phase from which the energy is measured. The direction of energy indicated
on pin DIR is HIGH for POSITIVE energy flow and LOW for NEGATIVE energy flow,
for the entire LOW period of the FOUT1 pulse. The phase to which the direction
indication on the DIR pin refers can be ascertained by counting the number of falling
edges on the DIR pin prior to the falling edge of the FOUT1 pulse. The supervision
of the DIR pin can be accomplished with a µController.
Although FOUT1 has a fixed frequency output, the table below shows the various
frequencies selectable for rated conditions on FOUT2.
User Selectable Output Frequency
PGM1
PGM0
FOUT2
(Hz)
0
0
5.11
0
1
3.83
1
0
2.55
1
1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com