Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA348 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KA348
Description  QUAD OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA348 Datasheet(HTML) 1 Page - Samsung semiconductor

  KA348 Datasheet HTML 1Page - Samsung semiconductor KA348 Datasheet HTML 2Page - Samsung semiconductor KA348 Datasheet HTML 3Page - Samsung semiconductor KA348 Datasheet HTML 4Page - Samsung semiconductor KA348 Datasheet HTML 5Page - Samsung semiconductor KA348 Datasheet HTML 6Page - Samsung semiconductor KA348 Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KA248/KA348
QUAD OPERATIONAL AMPLIFIER
QUAD OPERATIONAL AMPLIFIERS
The KA248/KA348 is a true quad KA741. It consists of four independ-
14 DIP
ent, high-gain, internally compensated, low-power operational amplifiers
which have been designed to provide functional characteristics identical
to those of the familiar KA741 operational amplifier. In addition the total
supply current for all four amplifiers is comparable to the Supply current
of a single KA741 type OP Amp.
Other features include input offset currents and input bias current which
are much less than those of a standard KA741. Also, excellent isolation
between amplifiers has been achieved by independently biasing each
amplifier and using layout techniques which minimize thermal coupling.
14 SOP
FEATURES
• KA741 OP Amp operating characteristics
• Low supply current drain
• Class AB output stage-no crossover distortion
• Pin compatible with the KA324 & KA3403
• Low input offset voltage- 1mV Type.
• Low input offset current-4nA Type.
• Low input bias current-30nA Type.
• Gain bandwidth product for KA348 (unity gain)-1.0MHz Type.
• High degree of isolation between amplifiers-120dB
• Overload protection for inputs and outputs
BLOCK DIAGRAM
ORDERING INFORMATION
SCHEMATIC DIAGRAM (One Section Only)
Device
Package
Operating Temperature
KA348
14 DIP
KA348D
14 SOP
KA248
14 DIP
KA248D
14 SOP
0 ~ +70
Î
-25 ~ +85
Î


Similar Part No. - KA348

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA348 FAIRCHILD-KA348 Datasheet
108Kb / 10P
Quad Operational Amplifier
logo
List of Unclassifed Man...
KA348 ETC2-KA348 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Fairchild Semiconductor
KA348D FAIRCHILD-KA348D Datasheet
108Kb / 10P
Quad Operational Amplifier
More results

Similar Description - KA348

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Renesas Technology Corp
HA17324A RENESAS-HA17324A Datasheet
104Kb / 8P
Quad Operational Amplifier
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com