Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA348 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA348
Description  QUAD OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA348 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA348 Datasheet HTML 1Page - Samsung semiconductor KA348 Datasheet HTML 2Page - Samsung semiconductor KA348 Datasheet HTML 3Page - Samsung semiconductor KA348 Datasheet HTML 4Page - Samsung semiconductor KA348 Datasheet HTML 5Page - Samsung semiconductor KA348 Datasheet HTML 6Page - Samsung semiconductor KA348 Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KA248/KA348
QUAD OPERATIONAL AMPLIFIER
ABSOLUTE MAXIMUM RATINGS (TA = 25
Î
Î)
ELECTRICAL CHARACTERISTICS
(VCC =15V, VEE= -15V, TA=25
Î, unless otherwise specified)
NOTE 1
KA348: 0
TA +70Î
KA248: -25
TA +85Î
Characteristic
Symbol
Value
Unit
Supply Voltage
Differential Input Voltage
Input Voltage
Output Short Circuit Duration
Operating Temperature KA248
KA348
Storage Temperature
VCC
VI(DIFF)
VI
TOPR
TSTG
ä18
ä36
ä18
Continuous
- 25 ~ +85
0~ +70
- 65~ +150
V
V
V
Î
Î
Î
KA248
KA348
Min
Typ
Max
Min
Typ
Max
1
6.0
1
6.0
NOTE 1
7.5
7.5
450
4
50
NOTE 1
125
100
30
200
30
200
NOTE 1
500
400
Input Resistance
RI
0.8
2.5
0.8
2.5
M
<
Supply Current (all Amplifiers)
ICC
2.4
4.5
2.4
4.5
mA
25
160
25
160
NOTE 1
15
15
Channel Separation
CS
f = 1KHz to 20KHz
120
120
dB
Common Mode Input
Voltage Range
VI(R)
NOTE 1
ä12
ä12
V
Small Signal Bandwidth
BW
GV = 1
1.0
1.0
MHz
Phase Margin
MPH
GV = 1
60
60
Degress
Slew Rate
SR
GV = 1
0.5
0.5
V/
Is
Output Short Circuit Current
ISC
25
25
mA
RL
10K<
ä12 ä13
ä12 ä13
RL
2K<
ä10 ä12
0 ä12
Common Mode Rejection Ratio
CMRR
RS
10K<
NOTE 1
70
90
70
90
dB
Power Supply Rejection Ratio
PSRR
RS
10K<
NOTE 1
77
96
77
96
dB
RS
10K<
Input Offset Voltage
VIO
Input Offset Current
IIO
Input Bias Current
IBIAS
RL
2K<
Large Signal Voltage Gain
GV
NOTE 1
VO(P.P)
Output Voltage Swing
V
V/mV
Unit
mV
nA
nA
Characteristic
Symbol
Test Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com