Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB8527 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KB8527
Description  1 CHIP CLP SUBSYSTEM IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8527 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KB8527 Datasheet HTML 9Page - Samsung semiconductor KB8527 Datasheet HTML 10Page - Samsung semiconductor KB8527 Datasheet HTML 11Page - Samsung semiconductor KB8527 Datasheet HTML 12Page - Samsung semiconductor KB8527 Datasheet HTML 13Page - Samsung semiconductor KB8527 Datasheet HTML 14Page - Samsung semiconductor KB8527 Datasheet HTML 15Page - Samsung semiconductor KB8527 Datasheet HTML 16Page - Samsung semiconductor KB8527 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
KB8527B
1 CHIP CLP SUBSYSTEM IC
PLL
( Vcc = 3.6V, Ta = 25oC, unless otherwise specified )
Characteristic
Min
Typ
Max
Unit
Symbol
Test Conditions
Operating Current
I
CCPLL
Vcc = 3.6V
2.0
3.5
mA
Input Current
Input Voltage
I
IH
IIL
VIH
VIL
Vin = Vcc
Vin = 0V
5
-5
0.3
Vcc-
0.3
µA
µA
V
V
Vout = Vcc
Vout = 0V
Output Current
IOH
IOL
0.3
0.3
mA
mA
Output Voltage
V
OH1
V
OL1
VOH2
VOL2
PDT,PDR : Io = -0.3mA
( Sourcing )
PDT,PDR : Io = 0.3mA
( Sinking )
LD,fMCU : Io = -0.1mA
( Sourcing )
LD,fMCU : Io = 0.1mA
( Sinking )
V
V
V
V
Vcc-
0.4
Vcc-
0.5
0.4
0.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PLL regulator voltage
VPLLREG
-
2.15
1.95
2.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com