Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB8527 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KB8527
Description  1 CHIP CLP SUBSYSTEM IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8527 Datasheet(HTML) 2 Page - Samsung semiconductor

  KB8527 Datasheet HTML 1Page - Samsung semiconductor KB8527 Datasheet HTML 2Page - Samsung semiconductor KB8527 Datasheet HTML 3Page - Samsung semiconductor KB8527 Datasheet HTML 4Page - Samsung semiconductor KB8527 Datasheet HTML 5Page - Samsung semiconductor KB8527 Datasheet HTML 6Page - Samsung semiconductor KB8527 Datasheet HTML 7Page - Samsung semiconductor KB8527 Datasheet HTML 8Page - Samsung semiconductor KB8527 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
KB8527B
1 CHIP CLP SUBSYSTEM IC
BLOCK DIAGRAM
Limiting
IF AMP
Meter
Driver
Carrier
Detector
Rectifier
Gain Cell
Regulator
(1V)
Limiter
Gain Cell
Rectifier
IF AMP
(455KHz)
13
14
15
16
17
18
19
21
22
23
Quad
Detector
FSK
COMP
ALC
37
38
39
40
41
42
43
44
45
46
47
48
RX
VCO
IF AMP
(10.7MHz)
1`st
MIX
Regulator
( 2.15 V )
Programmable Counter
( RX )
Programmable Counter
( TX )
Programmable Counter
( REF )
RX Phase
Detector
TX Phase
Detector
fMCU
4_25 CNT
CONTROL
Buffer
SUM
AMP
PRI
SPK
AMP
SUM
AMP
PRI
AMP
Compandor
mute
SPK
AMP
X-tal
OSC
Low
Battery
Detector
2`nd
MIX
35
34
33
32
31
30
29
28
27
26
25
12
11
10
9
8
7
5
4
3
1
2
-
+
VREF
+
-
EPI
ERC
SAI
SAO1
SAO2
VCC
(COMP)
GND
(COMP)
CPI+
CPI -
ALC
24
V
REF
(COMP)
6
36
GND
(PLL)
V
REF
(PLL)
2MI
1LOI
1LOI
1MI
TIF
1MI
1MO
V
CC
(PLL)
VCO
RX
PDR
20
EO
Splatter
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com