Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6B0708 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S6B0708
Description  64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0708 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S6B0708 Datasheet HTML 6Page - Samsung semiconductor S6B0708 Datasheet HTML 7Page - Samsung semiconductor S6B0708 Datasheet HTML 8Page - Samsung semiconductor S6B0708 Datasheet HTML 9Page - Samsung semiconductor S6B0708 Datasheet HTML 10Page - Samsung semiconductor S6B0708 Datasheet HTML 11Page - Samsung semiconductor S6B0708 Datasheet HTML 12Page - Samsung semiconductor S6B0708 Datasheet HTML 13Page - Samsung semiconductor S6B0708 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
S6B0708
64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX
LCD
10
FUNCTIONAL DESCRIPTION
CHIP SELECT INPUT
The S6B0708 has two chip select pins, CS1B and CS2B. It can interface with a microprocessor when these pins
(CS1B or CS2B) are low. When both of these pins are set to high, DB0 to DB7 are at high impedance and RS,
RW, and E inputs are disabled. CS1B pin controls the display status of S1 to S64, and CS2B does that of S65 to
S128. When CS1B and CS2B are low at the same time, it is impossible to execute read operation. Therefore
one of CS1B or CS2B should be set to low ((CS1B = H & CS2B = L) or (CS1B = L & CS2B = H)) in read
operation. The RESETB signal is entered independent of the status of chip select.
Table 2. Relationship Between Chip Select Pins and Read/Write Operation
CS1B
CS2B
Read Operation
W rite Operation
CS1
CS2
CS1
CS2
H
H
X
X
X
X
L
H
O
X
O
X
H
L
X
O
X
O
L
L
-
-
O
O
( -:
Not recommended,
Ο: Operation, X: No operation)
MICROPROCESSOR INTERFACE
S6B0708 transfers 8-bit parallel in either direction between the controlling microprocessor and the S6B0708
through the 8-bit I/O buffer (DB0 to DB7). RS, RW and E identify the type of parallel data transfer to be made as
shown below in Table 3.
Table 3. Microprocessor Interface
RS
RW
Description
H
H
Read display data
H
L
Write display data
L
H
Status read
L
L
Write to internal register (instruction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com