| Electronic Components Datasheet Search |
|
S6B0708 Datasheet(PDF) 16 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 Datasheet(HTML) 16 Page - Samsung semiconductor |
|
16 / 29 page ![]() S6B0708 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD 16 DATA TRANSFER To match the timing of the display data RAM and registering to that of the controlling microprocessor, S6B0708 uses an internal data bus and bus buffer. When the microprocessor reads the contents of display data RAM, the data for the initial read cycle is first stored in the bus buffer (dummy read cycle). On the next read cycle, the data is read from the bus buffer onto the microprocessor bus. At the same time, the next block of data is transferred from RAM to the bus buffer. Otherwise, when the microprocessor write data to display data RAM, the data is written to RAM after the falling edge of "E". Therefore, it is necessary to check busy flag to write or read the next data. (refer to Figure 3, 4) PAGE ADDRESS REGISTER The 3-bit page address register provides the page address to display data RAM (refer to Table 4). The micro- processor issues set page address instruction to change the page and to access another page. COLUMN ADDRESS COUNTER The column address counter is a 6-bit pre-settable counter that provides column address to display data RAM (refer to Table 4). It is incremented by 1 automatically after execution of each read/write data instruction. The column address counter loops the values 0 to 127, and it is independent of page address register. The ADC pin is issued to change the relationship between RAM column address and display segment output. DISPLAY START LINE REGISTER The display start line register stores the line address of display data RAM that corresponds to the first (normally the top) line (COM1) of liquid crystal display (LCD) panel. When displaying contents in display data RAM on the LCD panel, 6-bit data (DB[5:0]) of the set display start line is latched in display start line register. latched data are transferred to the line address counter just before COM1 is high, pre-setting the line address counter. The line counter is then incremented on the display latch clock signal once for every display line. It is used for vertical scrolling of the liquid crystal display screen. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |