Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT05VG2 Datasheet(PDF) 7 Page - BeRex Corporation

Part # BT05VG2
Description  1500-4000 MHz Wideband Drive Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG2 Datasheet(HTML) 7 Page - BeRex Corporation

Back Button BT05VG2 Datasheet HTML 3Page - BeRex Corporation BT05VG2 Datasheet HTML 4Page - BeRex Corporation BT05VG2 Datasheet HTML 5Page - BeRex Corporation BT05VG2 Datasheet HTML 6Page - BeRex Corporation BT05VG2 Datasheet HTML 7Page - BeRex Corporation BT05VG2 Datasheet HTML 8Page - BeRex Corporation BT05VG2 Datasheet HTML 9Page - BeRex Corporation BT05VG2 Datasheet HTML 10Page - BeRex Corporation BT05VG2 Datasheet HTML 11Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BeRex
BT05VG2
http: //www.berex.com
Application Circuit: 2100 MHz
Schematic Diagram
BOM
Tolerance
C3
C1
C2
C4
C6
C5
C7
RF In
RF Out
Vcc
BT05VG2
L1
L2
C1
100pF
± 5%
C2 1000pF
± 5%
C3
10uF.
± 20%
C4
100pF
± 5%
C5
100pF
± 5%
C6
2.2pF
± 5%
C7
1.3pF
± 5%
L1
39nH
±5%
L2
1nH
±5%
Typical Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com