Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT05VG2 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BT05VG2
Description  1500-4000 MHz Wideband Drive Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG2 Datasheet(HTML) 3 Page - BeRex Corporation

  BT05VG2 Datasheet HTML 1Page - BeRex Corporation BT05VG2 Datasheet HTML 2Page - BeRex Corporation BT05VG2 Datasheet HTML 3Page - BeRex Corporation BT05VG2 Datasheet HTML 4Page - BeRex Corporation BT05VG2 Datasheet HTML 5Page - BeRex Corporation BT05VG2 Datasheet HTML 6Page - BeRex Corporation BT05VG2 Datasheet HTML 7Page - BeRex Corporation BT05VG2 Datasheet HTML 8Page - BeRex Corporation BT05VG2 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BeRex
BT05VG2
http: //www.berex.com
Typical Device Data
S-parameters (Vdevice=5V, Ic=90mA, T=25C)
S-Parameter
(5V/88mA)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.270
-166.495
17.095
169.234
0.034
2.969
0.112
-36.553
500
0.484
-165.550
13.796
134.745
0.039
9.708
0.209
-115.545
1000
0.603
169.297
9.839
107.471
0.045
8.523
0.243
-138.751
1500
0.649
142.996
7.265
89.329
0.046
6.978
0.224
-166.419
2000
0.727
119.846
5.645
75.285
0.047
7.094
0.232
159.675
2500
0.812
103.333
4.578
65.518
0.046
7.622
0.276
133.104
3000
0.860
91.901
3.760
57.542
0.050
4.871
0.326
118.486
3500
0.845
82.120
3.142
48.480
0.046
4.636
0.365
112.242
4000
0.768
68.638
2.817
40.568
0.054
0.845
0.369
110.182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com