Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4673 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4673
Description  UHF Low-Noise Amp, Wide-Band Amp Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4673 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4673 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4673 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4673 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4673 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4673
Ordering number : EN3927
UHF Low-Noise Amp, Wide-Band Amp
Applications
NPN Epitaxial Planar Silicon Transistor
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
11697YK (KOTO) 8-6790 No.3927-1/4
Package Dimensions
unit: mm
2038-PCP
[2SC4673]
E : Emitter
C : Collector
B : Base
SANYO : PCP
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
12
V
Emitter-to-Base Voltage
VEBO
3V
Collector Current
IC
100
mA
Base Current
IB
30
mA
Collector Dissipation
PC
400
mW
Mounted on ceramic board
800
mW
(250mm
2
×0.8mm)
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=12V, IE=0
1.0
µA
Emitter Cutoff Current
IEBO
VEB=2V, IC=0
10
µA
DC Current Gain
hFE
VCE=10V, IC=20mA
40*
200*
Gain-Bandwidth Product
fT
VCE=10V, IC=20mA
4.5
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
1.1
pF
Reverse Transfer Capacitance
Cre
VCB=10V, f=1MHz
0.75
pF
Forward Transfer Gain
S2le2
VCE=10V, IC=20mA, f=0.9GHz
8.0
dB
Noise Figure
NF
VCE=10V, IC=5mA, f=0.9GHz
1.5
3.0
dB
* : The 2SC4673 is classified by 20mA hFE as follows :
Making : CD
hFE rank : C, D, E
Features
• Low noise figure : NF=1.5dB typ (f=0.9GHz).
• High power gain :
S2le2=8.0dB typ (f=0.9GHz).
• High cutoff frequency : fT=4.5GHz typ.
40
C
80
60
D
120
100
E
200


Similar Part No. - 2SC4673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
Various Drivers Applications
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
More results

Similar Description - 2SC4673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3772 SANYO-2SC3772 Datasheet
99Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications?
2SC3773 SANYO-2SC3773 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications???
2SC3774 SANYO-2SC3774 Datasheet
98Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications???
2SC3775 SANYO-2SC3775 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications????
2SC3776 SANYO-2SC3776 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications????
2SC3777 SANYO-2SC3777 Datasheet
100Kb / 4P
UHF Oscillator, Mixer, Low-Noise Amp, Wide-Band Amp Applications????
2SC3778 SANYO-2SC3778 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications??????
2SC3779 SANYO-2SC3779 Datasheet
99Kb / 4P
UHF Low-Noise Amp, Wide-Band Amp Applications??????
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5230 SANYO-2SC5230 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com