Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4673 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4673
Description  UHF Low-Noise Amp, Wide-Band Amp Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4673 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4673 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4673 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4673 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4673 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC4673
No.3927-4/4
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property lose.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of January, 1997. Specifications and information herein are subject
to change without notice.
S Parameters (Common emitter)
VCE=10V, IC=20mA, Zo=50Ω
Freq
(MHz)
100
S11
MAG
0.414
–112.1
18.300
115.9
0.024
61.1
0.605
–26.4
200
0.372
–147.5
10.148
99.2
0.037
66.4
0.492
–23.5
400
0.364
–175.7
5.274
84.8
0.064
72.9
0.458
–23.0
600
0.369
170.1
3.619
75.6
0.093
75.3
0.460
–27.3
800
0.379
158.7
2.764
67.8
0.123
76.6
0.468
–32.6
900
0.366
153.6
2.504
66.4
0.139
75.4
0.475
–35.7
1000
0.388
148.5
2.279
60.8
0.152
75.1
0.478
–38.5
1200
0.399
140.5
1.914
54.2
0.184
74.0
0.487
–44.4
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
Freq
(MHz)
100
S11
MAG
0.730
–133.7
19.714
109.3
0.021
66.4
0.535
–25.3
200
0.363
–161.5
10.534
95.3
0.035
72.5
0.452
–20.6
400
0.366
177.6
5.411
82.8
0.064
77.3
0.438
–21.1
600
0.371
166.7
3.690
74.3
0.094
77.9
0.444
–25.9
800
0.380
156.9
2.823
66.8
0.125
77.3
0.454
–31.7
900
0.389
153.1
2.562
63.5
0.142
76.8
0.462
–35.1
1000
0.391
148.3
2.329
59.9
0.155
76.1
0.465
–37.7
1200
0.404
141.3
1.982
53.6
0.186
74.7
0.474
–43.8
ANG
S21
MAG
ANG
S12
MAG
ANG
S22
MAG
ANG
VCE=10V, IC=40mA, Zo=50Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com