Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9546APWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9546APWR
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546APWR Datasheet(HTML) 5 Page - Texas Instruments

  PCA9546APWR Datasheet HTML 1Page - Texas Instruments PCA9546APWR Datasheet HTML 2Page - Texas Instruments PCA9546APWR Datasheet HTML 3Page - Texas Instruments PCA9546APWR Datasheet HTML 4Page - Texas Instruments PCA9546APWR Datasheet HTML 5Page - Texas Instruments PCA9546APWR Datasheet HTML 6Page - Texas Instruments PCA9546APWR Datasheet HTML 7Page - Texas Instruments PCA9546APWR Datasheet HTML 8Page - Texas Instruments PCA9546APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
RESET Input
Power-On Reset
Voltage Translation
2
Maximum
Typical
Minimum
VCC (V)
4.5
4
3.5
3
2.5
5
5.5
1
5
4.5
4
3.5
3
2.5
2
1.5
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148E – OCTOBER 2005 – REVISED JANUARY 2008
Table 1. Control Register Write (Channel Selection), Control Register Read (Channel Status)(1)
B7
B6
B5
B4
B3
B2
B1
B0
COMMAND
0
Channel 0 disabled
X
X
X
X
X
X
X
1
Channel 0 enabled
0
Channel 1 disabled
X
X
X
X
X
X
X
1
Channel 1 enabled
0
Channel 2 disabled
X
X
X
X
X
X
X
1
Channel 2 enabled
0
Channel 3 disabled
X
X
X
X
X
X
X
1
Channel 3 enabled
No channel selected,
0
0
0
0
0
0
0
0
power-up/reset default state
(1)
Several channels can be enabled at the same time. For example, B3 =0, B2 = 1, B1 = 1, B0 = 0 means that channels 0 and 3 are
disabled, and channels 1 and 2 are enabled. Care should be taken not to exceed the maximum bus capacity.
The RESET input is an active-low signal that may be used to recover from a bus-fault condition. When this signal
is asserted low for a minimum of tWL, the PCA9446A resets its registers and I
2C state machine and deselects all
channels. The RESET input must be connected to VCC through a pullup resistor.
When power is applied to VCC, an internal power-on reset holds the PCA9546A in a reset condition until VCC has
reached VPOR. At this point, the reset condition is released, and the PCA9546A registers and I
2C state machine
are initialized to their default states, all zeroes, causing all the channels to be deselected. Thereafter, VCC must
be lowered below 0.2 V to reset the device.
The pass-gate transistors of the PCA9546A are constructed such that the VCC voltage can be used to limit the
maximum voltage that will be passed from one I2C bus to another.
Figure 3 shows the voltage characteristics of the pass-gate transistors (note that the graph was generated using
the data specified in the electrical characteristics section of this data sheet). In order for the PCA9546A to act as
a voltage translator, the Vpass voltage must be equal to or lower than the lowest bus voltage. For example, if the
main bus is running at 5 V, and the downstream buses are 3.3 V and 2.7 V, then Vpass must be equal to or below
2.7 V to effectively clamp the downstream bus voltages. As shown in Figure 3, Vpass (max) is at 2.7 V when the
PCA9546A supply voltage is 3.5 V or lower, so the PCA9546A supply voltage could be set to 3.3 V. Pullup
resistors then can be used to bring the bus voltages to their appropriate levels (see Figure 12).
Figure 3. Vpass Voltage vs VCC
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCA9546A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com