Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07APWR
Description  HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07APWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC07APWR Datasheet HTML 1Page - Texas Instruments SN74LVC07APWR Datasheet HTML 2Page - Texas Instruments SN74LVC07APWR Datasheet HTML 3Page - Texas Instruments SN74LVC07APWR Datasheet HTML 4Page - Texas Instruments SN74LVC07APWR Datasheet HTML 5Page - Texas Instruments SN74LVC07APWR Datasheet HTML 6Page - Texas Instruments SN74LVC07APWR Datasheet HTML 7Page - Texas Instruments SN74LVC07APWR Datasheet HTML 8Page - Texas Instruments SN74LVC07APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
RECOMMENDED OPERATING CONDITIONS
(1)
ELECTRICAL CHARACTERISTICS
SN74LVC07A
www.ti.com.................................................................................................................................................... SCAS595R – OCTOBER 1997 – REVISED APRIL 2008
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 2.7 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7
× V
CC
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 2.7 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3
× V
CC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
5.5
V
VCC = 1.65 V
4
VCC = 2.3 V
12
IOL
Low-level output current
VCC = 2.7 V
12
mA
VCC = 3 V
24
VCC = 4.5 V
24
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOL = 100 µA
1.65 V to 5.5 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = 5.5 V or GND
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
µA
One input at VCC – 0.6 V,
ΔICC
2.7 V to 3.6 V
500
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 1997–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com