Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07APWR
Description  HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07APWR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC07APWR Datasheet HTML 1Page - Texas Instruments SN74LVC07APWR Datasheet HTML 2Page - Texas Instruments SN74LVC07APWR Datasheet HTML 3Page - Texas Instruments SN74LVC07APWR Datasheet HTML 4Page - Texas Instruments SN74LVC07APWR Datasheet HTML 5Page - Texas Instruments SN74LVC07APWR Datasheet HTML 6Page - Texas Instruments SN74LVC07APWR Datasheet HTML 7Page - Texas Instruments SN74LVC07APWR Datasheet HTML 8Page - Texas Instruments SN74LVC07APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74LVC07A
SCAS595R – OCTOBER 1997 – REVISED APRIL 2008.................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
5.6
1
3.4
3.3
1
3.6
1
2.6
ns
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Power dissipation capacitance
Cpd
f = 10 MHz
1.8
2
2.5
3.78
pF
per buffer/driver
4
Submit Documentation Feedback
Copyright © 1997–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com