Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1106 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 7Page - Texas Instruments TUSB1106 Datasheet HTML 8Page - Texas Instruments TUSB1106 Datasheet HTML 9Page - Texas Instruments TUSB1106 Datasheet HTML 10Page - Texas Instruments TUSB1106 Datasheet HTML 11Page - Texas Instruments TUSB1106 Datasheet HTML 12Page - Texas Instruments TUSB1106 Datasheet HTML 13Page - Texas Instruments TUSB1106 Datasheet HTML 14Page - Texas Instruments TUSB1106 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
Dynamic Electrical Characteristics – Analog I/O Pins (D+, D–)
(1) (2)
Dynamic Electrical Characteristics – Analog I/O Pins (D+, D–)
(1) (2)
Dynamic Electrical Characteristics – Analog I/O Pins (D+, D–)
(1) (2)
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818D – MAY 2006 – REVISED FEBRUARY 2008
Driver Characteristics, Full-Speed Mode
over recommended ranges of operating free-air temperature and supply voltage, VCC = 4 V to 5.5 V or Vreg(3.3) = 3 V to 3.6 V,
VCC(I/O) = 1.65 V to 3.6 V, VGND = 0 V, see Table 10 for valid voltage level combinations, TA = –40°C to 85°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
CL = 50 pF to 125 pF,
tFR
Rise time
4
20
ns
10% to 90% of |VOH – VOL| (see Figure 1)
CL = 50 pF to 125 pF,
tFF
Fall time
4
20
ns
90% to 10% of |VOH – VOL| (see Figure 1)
Differential rise/fall time matching
FRFM
Excluding the first transition from idle state
90
111.1
%
(tFR/tFF)
VCRS
Output signal crossover voltage
Excluding the first transition from idle state (see Figure 10)
1.3
2
V
(1)
Test circuit, see Figure 13
(2)
Driver timing in low-speed mode is not specified. Low-speed delay timings are dominated by the slow rise/fall times tLR and tLF.
Driver Characteristics, Low-Speed Mode
over recommended ranges of operating free-air temperature and supply voltage, VCC = 4 V to 5.5 V or Vreg(3.3) = 3 V to 3.6 V,
VCC(I/O) = 1.65 V to 3.6 V, VGND = 0 V, see Table 10 for valid voltage level combinations, TA = –40°C to 85°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
CL = 200 pF to 600 pF,
tLR
Rise time
75
300
ns
10% to 90% of |VOH – VOL| (see Figure 1)
CL = 200 pF to 600 pF,
tLF
Fall time
75
300
ns
90% to 10% of |VOH – VOL| (see Figure 1)
Differential rise/fall time matching
LRFM
Excluding the first transition from idle state
80
125
%
(tLR/tLF)
VCRS
Output signal crossover voltage
Excluding the first transition from idle state (see Figure 10)
1.3
2
V
(1)
Test circuit, see Figure 13
(2)
Driver timing in low-speed mode is not specified. Low-speed delay timings are dominated by the slow rise/fall times tLR and tLF.
Driver Timing, Full-Speed Mode
over recommended ranges of operating free-air temperature and supply voltage, VCC = 4 V to 5.5 V or Vreg(3.3) = 3 V to 3.6 V,
VCC(I/O) = 1.65 V to 3.6 V, VGND = 0 V, see Table 10 for valid voltage level combinations, TA = –40°C to 85°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH(drv)
LOW to HIGH (see Figure 4)
18
Driver propagation delay
ns
(VO/VPO, FSE0/VMO to D+, D–)
tPHL(drv)
HIGH to LOW (see Figure 4)
18
tPHZ
HIGH to OFF (see Figure 2)
15
Driver disable delay (OE to D+, D–)
ns
tPLZ
LOW to OFF (see Figure 2)
15
tPZH
OFF to HIGH (see Figure 2)
15
Driver enable delay (OE to D+, D–)
ns
tPZL
OFF to LOW (see Figure 2)
15
(1)
Test circuit, see Figure 13
(2)
Driver timing in low-speed mode is not specified. Low-speed delay timings are dominated by the slow rise/fall times tLR and tLF.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TUSB1105 TUSB1106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com