Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1106 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 12Page - Texas Instruments TUSB1106 Datasheet HTML 13Page - Texas Instruments TUSB1106 Datasheet HTML 14Page - Texas Instruments TUSB1106 Datasheet HTML 15Page - Texas Instruments TUSB1106 Datasheet HTML 16Page - Texas Instruments TUSB1106 Datasheet HTML 17Page - Texas Instruments TUSB1106 Datasheet HTML 18Page - Texas Instruments TUSB1106 Datasheet HTML 19Page - Texas Instruments TUSB1106 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.ti.com
V
(3.3)
PU
SPEED
SOFTCON
RCV
VPO/VO
VP
VM
1.65Vto3.6V
System ASIC
D–
D+
1.5kW
V
BUS
V
CC(5.0)
OE
V
reg(3.3)
SUSPND
MODE
(A)
VMO/FSE0
V
CC(I/O)
0.1µF
0.1µF
0.1µF
V
CC
33 W
33 W
TUSB1105/1106
GND
GND
GND
GND
GND
Peripheral-Side (Full-Speed) Internal Regulator Mode
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818D – MAY 2006 – REVISED FEBRUARY 2008
Figure 10. Peripheral-Side (Full-Speed) Internal Regulator Mode
A.
Only for TUSB1105
The USB side of the TUSB1105/1106 can be powered from the VBUS line directly if a 3.3-V supply is not present
on board. In this case, the internal regulator can be used to provide the 3.3-V supply for USB signaling. The
VCC(5.0) is connected to the VBUS, which receives 5-V supply from the host, and generates the 3.3-V output at the
Vreg(3.3) pin. In this mode, it is important that both VCC(5.0) and Vreg(3.3) pins have individual bypass capacitors in
the range of 0.1
µF. Powering V
CC(5.0) through the VBUS port of the USB connector realizes significant power
saving for portable applications, such as cell phones, PDAs, etc. In this operating mode, the ICC(5.0) current is fed
from the host. The USB-side power consumption, ICC(5.0) is 4 mA (with the regulator active), as opposed to
logic-side ICC(IO) of 1 mA under full-speed operation. While operating at full speed, the 1.5-kΩ resistor must be
connected between the D+ line and the VPU(3.3) or an external 3.3-V supply.
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB1105 TUSB1106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com