Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7364IPW Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPW
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPW Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS7364IPW Datasheet HTML 14Page - Texas Instruments THS7364IPW Datasheet HTML 15Page - Texas Instruments THS7364IPW Datasheet HTML 16Page - Texas Instruments THS7364IPW Datasheet HTML 17Page - Texas Instruments THS7364IPW Datasheet HTML 18Page - Texas Instruments THS7364IPW Datasheet HTML 19Page - Texas Instruments THS7364IPW Datasheet HTML 20Page - Texas Instruments THS7364IPW Datasheet HTML 21Page - Texas Instruments THS7364IPW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
10
0
10
20
30
40
50
60
-
-
-
-
-
-
1M
1G
Frequency(Hz)
10M
100M
V
=3.3V
Load=
||5pF
AC-vsDC-CoupledOutput
V =0.2V
S+
O
PP
150 W
DC-CoupledOutput
AC-CoupledOutput
AC-CoupledOutput
DC-CoupledOutput
FilterMode
BypassMode
6.5
6
5.5
5
4.5
4
3.5
3
2.5
1M
1G
Frequency(Hz)
10M
100M
DC-CoupledOutput
AC-CoupledOutput
AC-CoupledOutput
DC-CoupledOutput
FilterMode
BypassMode
V
=3.3V,Load=
||5pF,
AC-vsDC-CoupledOutput
S+
R
V =200mV
L
O
PP
1.3
1.1
0.9
0.7
0.5
0.3
0.1
0.1
-
0
200
Time(ns)
40
80
120
160
V
=3.3V
f
=80MHz
S+
IN
V
BYPASS
V
OUT
4
2
0
2
4
6
8
10
-
-
-
-
-
600
500
400
300
200
100
0
0.5
2.5
OutputVoltage(V )
PP
1
1.5
2
V
=3.3V
DC-CoupledOutput
S+
FilterMode
PositiveandNegativeSlewRate
BypassMode
NegativeSlewRate
PositiveSlewRate
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0.3
-
0
900
Time(ns)
100
200
300
700
4
2
0
2
4
6
8
10
12
14
-
-
-
-
-
-
-
800
600
500
400
V
=3.3V
BypassMode
S+
V
DISABLE
V
OUT
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0.3
-
0
900
Time(ns)
100
200
300
700
4
2
0
2
4
6
8
10
12
14
-
-
-
-
-
-
-
800
600
500
400
V
=3.3V
FilterMode
S+
V
DISABLE
V
OUT
THS7364
SBOS530 – AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS: 3.3 V, Full HD (FHD) Channels (continued)
With load = 150
Ω || 5 pF, dc-coupled input and output, unless otherwise noted.
FHD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
FHD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
RESPONSE
RESPONSE
Figure 29.
Figure 30.
FHD CHANNELS SLEW RATE vs OUTPUT VOLTAGE
FHD CHANNELS BYPASS MODE RESPONSE vs TIME
Figure 31.
Figure 32.
FHD CHANNELS DISABLE MODE RESPONSE vs TIME
FHD CHANNELS DISABLE MODE RESPONSE vs TIME
Figure 33.
Figure 34.
18
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com