Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7364IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPW
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS7364IPW Datasheet HTML 18Page - Texas Instruments THS7364IPW Datasheet HTML 19Page - Texas Instruments THS7364IPW Datasheet HTML 20Page - Texas Instruments THS7364IPW Datasheet HTML 21Page - Texas Instruments THS7364IPW Datasheet HTML 22Page - Texas Instruments THS7364IPW Datasheet HTML 23Page - Texas Instruments THS7364IPW Datasheet HTML 24Page - Texas Instruments THS7364IPW Datasheet HTML 25Page - Texas Instruments THS7364IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
4.6
3.6
2.6
1.6
0.6
0.4
-
0
1000
Time(ns)
100
200
300
1.65
0.65
0.35
1.35
2.35
3.35
-
-
-
-
800
900
700
600
500
400
V
=5V
BypassMode
S+
Inputt /t =1ns
R F
InputVoltage
Waveform
OutputVoltage
Waveform
120
100
80
60
40
20
0
0.5
2.5
OutputVoltage(V )
PP
1
1.5
2
V
=5V
DC-CoupledOutput
S+
FilterMode
PositiveandNegativeSlewRate
BypassMode
NegativeSlewRate
PositiveSlewRate
4.6
3.6
2.6
1.6
0.6
0.4
-
0
1000
Time(ns)
100
200
300
1.65
0.65
0.35
1.35
2.35
3.35
-
-
-
-
800
900
700
600
500
400
V
=5V
FilterMode
S+
Inputt /t =1ns
R F
InputWaveforms
Inputt /t =120ns
R F
OutputWaveforms
Inputt /t =1ns
R F
Inputt /t =120ns
R F
2
1.9
1.8
1.7
1.6
1.5
1.4
0
1000
Time(ns)
100
200
300
0.75
0.65
0.55
0.45
0.35
0.25
0.15
800
900
700
600
500
400
V
=5V
BypassMode
S+
Inputt /t =1ns
R F
OutputVoltage
Waveform
InputVoltage
Waveform
2
1.9
1.8
1.7
1.6
1.5
1.4
0
1000
Time(ns)
100
200
300
0.75
0.65
0.55
0.45
0.35
0.25
0.15
800
900
700
600
500
400
V
=5V
FilterMode
S+
Inputt /t =1ns
R F
InputWaveforms
Inputt /t =120ns
R F
OutputWaveforms
Inputt /t =1ns
R F
Inputt /t =120ns
R F
10
0
10
20
30
40
50
60
-
-
-
-
-
-
10M
1G
Frequency(Hz)
100M
V
=5V
BypassMode
Load=150
||C
DC-CoupledOutput
V =200mV
S+
L
O
PP
W
C =18pF
L
C =10pF
L
C =5pF
L
THS7364
SBOS530 – AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS: 5 V, Standard-Definition (SD) Channels (continued)
With load = 150
Ω || 10 pF, dc-coupled input and output, unless otherwise noted.
SD CHANNELS LARGE-SIGNAL PULSE RESPONSE vs
SD CHANNELS SLEW RATE vs OUTPUT VOLTAGE
TIME
Figure 51.
Figure 52.
SD CHANNELS LARGE-SIGNAL PULSE RESPONSE vs
SD CHANNELS SMALL-SIGNAL PULSE RESPONSE vs
TIME
TIME
Figure 53.
Figure 54.
SD CHANNELS SMALL-SIGNAL PULSE RESPONSE vs
SD CHANNELS SMALL-SIGNAL GAIN vs FREQUENCY
TIME
RESPONSE
Figure 55.
Figure 56.
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com