Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5726 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP5726
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5726 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP5726 Datasheet HTML 1Page - Diodes Incorporated AP5726 Datasheet HTML 2Page - Diodes Incorporated AP5726 Datasheet HTML 3Page - Diodes Incorporated AP5726 Datasheet HTML 4Page - Diodes Incorporated AP5726 Datasheet HTML 5Page - Diodes Incorporated AP5726 Datasheet HTML 6Page - Diodes Incorporated AP5726 Datasheet HTML 7Page - Diodes Incorporated AP5726 Datasheet HTML 8Page - Diodes Incorporated AP5726 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP5726
WHITE LED STEP-UP CONVERTER
AP5726
Document number: DS31845 Rev. 3 - 2
5 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics (6 LEDs ; VIN = 3.6V ; IOUT = 25mA)
VIN vs. Shutdown Current
0
0.2
0.4
0.6
0.8
1
2.53
3.54
4.5
5
5.5
VIN (V)
VIN vs. Quiescent Current
0
100
200
300
400
500
600
700
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
VIN vs. Frequency
1
1.05
1.1
1.15
1.2
1.25
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
VIN vs. Max Duty
80
85
90
95
100
2.53
3.54
4.55
5.5
VIN(V)
VIN vs. Feedback Voltage
0.25
0.27
0.29
0.31
0.33
0.35
2.53
3.54
4.5
5
5.5
VIN (V)
IOUT vs. Feedback Voltage
0.25
0.27
0.29
0.31
0.33
0.35
0
1020
3040
50
IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com