Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5726 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP5726
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5726 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP5726 Datasheet HTML 1Page - Diodes Incorporated AP5726 Datasheet HTML 2Page - Diodes Incorporated AP5726 Datasheet HTML 3Page - Diodes Incorporated AP5726 Datasheet HTML 4Page - Diodes Incorporated AP5726 Datasheet HTML 5Page - Diodes Incorporated AP5726 Datasheet HTML 6Page - Diodes Incorporated AP5726 Datasheet HTML 7Page - Diodes Incorporated AP5726 Datasheet HTML 8Page - Diodes Incorporated AP5726 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP5726
WHITE LED STEP-UP CONVERTER
AP5726
Document number: DS31845 Rev. 3 - 2
1 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Description
The AP5726 is a step-up DC/DC converter specifically
designed to drive white LEDs with a constant current. The
device can drive 2 ~ 6 LEDs in series from a Li-Ion cell.
Series connection of the LEDs provides identical LED
currents resulting in uniform brightness and eliminates the
need for ballast resistors. For driving higher number of LEDs,
AP5726
also
supports
a
single
feedback
of
parallel
connected multiple strings of equal number of LEDs.
The AP5726 switches at 1.2MHz that allows the use of tiny
external
components.
A
low
0.31V
feedback
voltage
minimizes power loss in the current setting resistor for better
efficiency.
Pin Assignments
1
2
3
74
6
OVP
FB
5
EN
SW
(Top View)
VIN
GND
SOT26 / TSOT23-6
SW
VIN
OVP
1
2
3
6
5
4
GND
FB
EN
(Top View)
DFN2020C-6
Features
•
High efficiency: 84% typical
•
Fast 1.2MHz switching frequency
•
Current limit and UVLO protections
•
Internal Thermal Shutdown
•
Internal Over Voltage Protection
•
Integrated soft-start function
•
SOT26, TSOT23-6 and DFN2020C-6: Available in
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Cellular Phones
•
PDAs, Hand help Computers
•
Digital Cameras
•
MP3 Players
•
GPS Receivers
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
V
IN
SW
EN
GND
FB
AP5726
C
OUT
1uF
RSET
15
L1
22uH
D1
V
IN
C
IN
1uF
OVP
2~6 LEDs
PWM Dimming
OFF
ON
Figure 1. Typical Application Circuit


Similar Part No. - AP5726

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5726 DIODES-AP5726 Datasheet
308Kb / 16P
WHITE LED STEP-UP CONVERTER
AP5726 Rev. 1
AP5726FDCG-7 DIODES-AP5726FDCG-7 Datasheet
308Kb / 16P
WHITE LED STEP-UP CONVERTER
AP5726 Rev. 1
AP5726WG-7 DIODES-AP5726WG-7 Datasheet
308Kb / 16P
WHITE LED STEP-UP CONVERTER
AP5726 Rev. 1
More results

Similar Description - AP5726

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com