Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC654 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC654
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC654 Datasheet HTML 4Page - Semtech Corporation SC654 Datasheet HTML 5Page - Semtech Corporation SC654 Datasheet HTML 6Page - Semtech Corporation SC654 Datasheet HTML 7Page - Semtech Corporation SC654 Datasheet HTML 8Page - Semtech Corporation SC654 Datasheet HTML 9Page - Semtech Corporation SC654 Datasheet HTML 10Page - Semtech Corporation SC654 Datasheet HTML 11Page - Semtech Corporation SC654 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Pin Descriptions
SC654
Pin #
Pin Name
Pin Function
1
BL3
Current sink output for main backlight LED 3
leave this pin open if unused
2
BL4
Current sink output for main backlight LED 4
leave this pin open if unused
3
BL5
Current sink output for main backlight LED 5
leave this pin open if unused
4
BL6
Current sink output for main backlight LED 6
leave this pin open if unused
5
SPIF
SemPulse single wire interface pin — used to enable/disable the device and to configure all regis-
ters (refer to Register Map and SemPulse Interface sections)
6
GND
Ground pin
7
C2-
Negative connection to bucket capacitor 2
8
C1-
Negative connection to bucket capacitor 1
9
C1+
Positive connection to bucket capacitor 1
10
C2+
Positive connection to bucket capacitor 2
11
OUT
Charge pump output — all LED anode pins should be connected to this pin
12
IN
Battery voltage input
13
BL1
Current sink output for main backlight LED 1
leave this pin open if unused
14
BL2
Current sink output for main backlight LED 2
leave this pin open if unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com