Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC654 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC654
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC654 Datasheet HTML 13Page - Semtech Corporation SC654 Datasheet HTML 14Page - Semtech Corporation SC654 Datasheet HTML 15Page - Semtech Corporation SC654 Datasheet HTML 16Page - Semtech Corporation SC654 Datasheet HTML 17Page - Semtech Corporation SC654 Datasheet HTML 18Page - Semtech Corporation SC654 Datasheet HTML 19Page - Semtech Corporation SC654 Datasheet HTML 20Page - Semtech Corporation SC654 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
Register and Bit Definitions (continued)
Main Backlight Current Control Register (01h)
This register is used to set the currents for the backlight
current sinks assigned to the Main Backlight Group. This
group can also be used to control red LEDs for limited RGB
control. These current sinks need to be enabled in the
Backlight Enable Control register to be active.
Bit D5
This bit is unused and is always a zero, so the maximum
pulse count for this register is 31.
MBL4 — MBL0 [D4:D0]
These bits are used to set the current for the main back-
light current sinks. All enabled main backlight current
sinks will sink the same current, as shown in Table 4.
Table 4 — Main Backlight Current Settings
MBL4
MBL3
MBL2
MBL1
MBL0
Backlight Current (mA)
000
0
0
0
0
0
0
0
1
See note 1
0
0
0
1
0
See note 1
0
0
0
1
1
See note 1
001
0
0
0.5
001
0
1
1.0
001
1
0
1.5
001
1
1
2.0
010
0
0
2.5
010
0
1
3.0
010
1
0
3.5
010
1
1
4.0
011
0
0
4.5
011
0
1
5.0
011
1
0
6.0
011
1
1
7.0
100
0
0
8.0
100
0
1
9.0
100
1
0
10
100
1
1
11
101
0
0
12
101
0
1
13
101
1
0
14
101
1
1
15
110
0
0
16
110
0
1
17
110
1
0
18
110
1
1
19
111
0
0
20
111
0
1
21
111
1
0
23
111
1
1
25
(1) Reserved for future use
SC654



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com