Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC668 Datasheet(PDF) 41 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 37Page - Semtech Corporation SC668 Datasheet HTML 38Page - Semtech Corporation SC668 Datasheet HTML 39Page - Semtech Corporation SC668 Datasheet HTML 40Page - Semtech Corporation SC668 Datasheet HTML 41Page - Semtech Corporation SC668 Datasheet HTML 42Page - Semtech Corporation SC668 Datasheet HTML 43Page - Semtech Corporation SC668 Datasheet HTML 44Page - Semtech Corporation SC668 Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
SC668
41
Register Map (continued)
Table 22 — ALS Function Enable Bits
AD_AUTO AD_EN
Comments
0
0
ADC is disabled. Bank #1 will not change
brightness with ambient conditions.
0
1
ADC is enabled. ADC output is stored in the
AD
OUT register. Bank #1 does not respond
to the AD
OUT value.
1
0
ADC is disabled. Bank #1 current is set to
the start or target current. AD
OUT is com-
pared to AD
RISE and ADFALL registers. A new
value may be written to AD
OUT via the I
2
C
interface.
1
1
ADC is enabled. Bank #1 current is set to
the start or target current. AD
OUT is com-
pared to AD
RISE and ADFALL registers.
The ALS comparator functions are shown in Table 23.
Table 23 — ALS Comparator Function(1)
Conditions
AD
OUT Effect on Bank #1
AD
OUT > ADRISE
Brightness changes to target value
AD
OUT < ADFALL
Brightness changes to start value
AD
FALL ≤ ADOUT ≤ ADRISE
Brightness does not change
AD
FALL ≥ ADRISE
Hysteresis between the rising and falling
thresholds is disabled, and . . .
AD
FALL → has no effect on brightness
AD
O > ADRISE → brightness changes to
target value
AD
O < ADRISE → brightness changes to
start value
AD
O = ADRISE → brightness does not
change
Notes:
1) When AD_AUTO bit is high.
The state diagram of Figure 29 shows how the ADC is used
to change the brightness of backlight bank #1. No auto-
matic change in brightness occurs when AD_AUTO = 0.
ADOUT > ADRISE
ADOUT < ADFALL
ADOUT < ADRISE
AD_AUTO = 1 or 0
AD_AUTO = 1
AD_AUTO = 1
AD_AUTO = 0
AD_AUTO = 0
ADOUT > ADRISE
Bank #1 Brightness
= Value of Register 02h
ADOUT > ADFALL
AD_AUTO = 1 or 0
Bank #1 Brightness
= Value of Register 06h
ADOUT < ADFALL
Figure 29 — ADC function at Bank #1 Brightness
ADC Output and Threshold Register (13h)
This register contains the value AD
OUT which is compared
with AD
RISE and ADFALL. The contents of ADOUT may originate
automatically from the ADC, when the AD_EN bit is a logic
one. Alternatively, AD
OUT may be written to the register via
the I2C interface when the AD_EN bit is a logic zero.
When AD_EN = 1, the ADC receives its analog voltage
input signal from the external photo-detector circuit con-
nected to the ADI pin. V
ADI is then converted into digital
and stored as the 8 bit word AD
OUT. The reference voltage
for the ADC is provided internally by the output of LDO4
(V
LDO4). When the voltage VADI is equal to VLDO4 , the ADC is
at full-scale value FFh, and AD
OUT will equal FFh.
When using an external photo-detection circuit, the ADC
requires the LDO output voltage V
LDO4 to remain constant.
V
LDO4 can drop-out if the supply voltage becomes too low.
V
LDO4 should be set to a value sufficiently low to guard
against drop-out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com