Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC668 Datasheet(PDF) 42 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 42 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 38Page - Semtech Corporation SC668 Datasheet HTML 39Page - Semtech Corporation SC668 Datasheet HTML 40Page - Semtech Corporation SC668 Datasheet HTML 41Page - Semtech Corporation SC668 Datasheet HTML 42Page - Semtech Corporation SC668 Datasheet HTML 43Page - Semtech Corporation SC668 Datasheet HTML 44Page - Semtech Corporation SC668 Datasheet HTML 45Page - Semtech Corporation SC668 Datasheet HTML 46Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
SC668
42
Register Map (continued)
To prevent drop-out, the maximum LDO4 output setting
should be limited to:
V
LDO4(MAX) = VIN(MIN) - [1.33 × ILDO4(MAX)],
where V
IN(MIN) is the minimum battery voltage and ILDO4(MAX)
is the maximum load current of LDO4. LDO4 load current
includes current to the external photo-detection circuit.
AD_O7 through AD_O0 [D7:D0]
These are the 8 bits of AD
OUT. AD_O7 [D7] is the Most
Significant Bit (MSB), and AD_O0 [D0] is the Least
Significant Bit (LSB). Binary weights of these bits are
shown in Table 24.
Table 24 — AD
OUT Bits [D7:D0]
Name
Bit
Binary Weight
AD_O7
D7
1/2
AD_O6
D6
1/4
AD_O5
D5
1/8
AD_O4
D4
1/16
AD_O3
D3
1/32
AD_O2
D2
1/64
AD_O1
D1
1/128
AD_O0
D0
1/256
To calculate the voltage at the ADC input, the weights of
only the bits set to one are summed together and multi-
plied by the voltage provided by LDO4. The result is equal
to the analog voltage applied to the ADI pin. For example,
if the value of register 13h reads AD
OUT = 01111111,
and V
LDO4 = 2.8V, the ADC input is at:
2.8 x (4-1 + 8-1 + 16-1 + 32-1 + 64-1 + 128-1 + 256-1) = 1.38V.
ADC Rising Threshold (14h)
This register contains the value AD
RISE. When ADOUT rises
above AD
RISE and AD_AUTO = 1, backlight bank #1 changes
to the target value in the bank #1 target register (06h).
AD_R7 through AD_R0 [D7:D0]
These are the 8 bits of AD
RISE. AD_R7 is the MSB, and AD_R0
is the LSB.
ADC Falling Threshold (15h)
This register contains the value AD
FALL. When ADOUT falls
below AD
FALL and AD_AUTO = 1, backlight bank #1 changes
to the starting value in the bank #1 register (02h).
AD_F7 through AD_F0 [D7:D0]
These are the 8 bits of AD
FALL. AD_F7 is the MSB, and AD_F0
is the LSB.
ADP and OLE Functions (16h)
ADP (Automatic Drop-out Protection) and OLE (Other
Lighting Effects) are controlled with this register. ADP
applies to bank #1 only.
ADP ensures current matching in the LEDs by responding
to a low battery voltage. ADP limits the maximum back-
light current to a level which ensures that backlight LEDs
maintain matched currents. The ADP feature also prevents
the ripple on a low battery from inducing flicker in the
LEDs. As the battery voltage gradually proceeds lower,
ADP gradually dims the backlights. The normal backlight
brightness is restored after the battery is recharged by
writing a logic zero to the ADP_EN bit.
Bank #1 will try to resume the original backlight current
setting whenever ADP_EN = 0. Also, if any bank #1 current
sink is floating, the ADP_EN bit is cleared automatically.
Any write operations to change the following bit combi-
nations in register 01h will also cause bank #1 to resume
the original setting:
DIS = 1, EN = 0, BANK1EN = 1
DIS = 0, EN = 1, BANK1EN = 1
DIS = 1, EN = 1, BANK1EN = 1
ADP_ACT Bit D6
This bit is a flag. A logic one indicates that ADP has been
activated. Once activated, the ADP is limiting the backlight
current. This flag bit is reset when ADP_EN = 0, or when
any bank#1 current sink is floating, or by writing any of
the following bit combinations in register 01h:
DIS = 1, EN = 0, BANK1EN = 1
DIS = 0, EN = 1, BANK1EN = 1
DIS = 1, EN = 1, BANK1EN = 1
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com