Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1564 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1564
Description  Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1564 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1564 Datasheet HTML 3Page - Semtech Corporation SC1564 Datasheet HTML 4Page - Semtech Corporation SC1564 Datasheet HTML 5Page - Semtech Corporation SC1564 Datasheet HTML 6Page - Semtech Corporation SC1564 Datasheet HTML 7Page - Semtech Corporation SC1564 Datasheet HTML 8Page - Semtech Corporation SC1564 Datasheet HTML 9Page - Semtech Corporation SC1564 Datasheet HTML 10Page - Semtech Corporation SC1564 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SC1564
9
Applications Information
Introduction
The SC564 is intended for applications such as graph-
ics cards where high current capability and low drop-
out voltage are required. It provides a very simple, low
cost solution that uses little PCB real estate. Additional
features include a shutdown pin to allow for a very low
power consumption standby mode, and a fully adjust-
able output.
Component Selection
Input capacitor: A µF ceramic capacitor is recommended.
This allows for the device some distance from any bulk
capacitance on the rail. Additionally, input droop due
to load transients is reduced, improving load transient
response. Additional capacitance may be added if
required by the application.
Output capacitor: A minimum bulk capacitance of µF,
along with a 0.µF ceramic decoupling capacitor, is rec-
ommended. Increasing the bulk capacitance will improve
the overall transient response. The use of multiple lower
value ceramic capacitors in parallel to achieve the desired
bulk capacitance will not cause stability issues. Although
designed for use with ceramic output capacitors, the
SC564 is extremely tolerant of output capacitor ESR
values and thus will also work comfortably with tantalum
output capacitors.
Noise immunity: In very electrically noisy environents, it
is recommended that 0.µF ceramic capacitors be placed
from IN to GND and OUT to GND as close to the device
pins as possible.
External voltage selection resistors: the use of % resis-
tors, designed for a current flow
≥ 0µA is recommended
to ensure a well-regulated output (tus, R2
≤ 20kΩ).
Thermal Considerations
The power dissipation in the SC564 is approximately
equal to the product of the output current and the input
to output voltage differential:
OUT
OUT
IN
O
I
)
V
(V
P
The absolute worst-case dissipation is given by:
Q(MAX)
IN(MAX)
OUT(MAX)
OUT(MIN)
IN(MAX)
O(MAX)
I
V
I
)
V
V
(
P
⋅
+
⋅
−
=
For a typical scenario, V
IN = 3.3V ± 5%, VOUT = .5V and
I
OUT = 600mA, therefore:
V
IN(MAX) = 3.465V,
V
OUT(MIN) = .47V and
I
Q(MAX) = 70µA,
Thus P
D(MAX) = .976W.
Using this figure, and assuming T
A(MAX) = 85°C, we can
calculate the maximum thermal impedance allowable
to maintain T
J ≤ 50°C:
W
C
54.3
1.1976W
C
85
C
150
P
T
T
R
O(MAX)
A(MAX)
J(MAX)
A)(MAX)
TH(J
This should be achievable with the 3mm x 3mm MLPD-8
package using PCB copper area to aid in conducting the
heat away from the device. Internal ground/power planes
and air flow will also assist in removing heat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com