Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1564 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1564
Description  Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1564 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1564 Datasheet HTML 3Page - Semtech Corporation SC1564 Datasheet HTML 4Page - Semtech Corporation SC1564 Datasheet HTML 5Page - Semtech Corporation SC1564 Datasheet HTML 6Page - Semtech Corporation SC1564 Datasheet HTML 7Page - Semtech Corporation SC1564 Datasheet HTML 8Page - Semtech Corporation SC1564 Datasheet HTML 9Page - Semtech Corporation SC1564 Datasheet HTML 10Page - Semtech Corporation SC1564 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 9302
Phone: (805) 498-2 Fax: (805) 498-3804
www.semtech.com
Contact Information
SC1564

Land Pattern — 3mm x 3mm MLPD-8
X
P
Z
Y
H
K
G
(C)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
3.
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
FUNCTIONAL PERFORMANCE OF THE DEVICE.
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
.030
.146
(.116)
.102
.087
.067
0.75
3.70
(2.95)
2.20
2.58
1.70
0.40
0.65
.026
.016
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
2.
INCHES
DIMENSIONS
P
Z
X
Y
C
G
H
K
DIM
MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com